Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65982ABZBHR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65982ABZBHR
Description  USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65982ABZBHR Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS65982ABZBHR Datasheet HTML 8Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 9Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 10Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 11Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 12Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 13Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 14Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 15Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 121 page
background image
12
TPS65982
SLVSD02D – MARCH 2015 – REVISED JUNE 2019
www.ti.com
Product Folder Links: TPS65982
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
(1)
I/O buffers are not fail-safe to LDO_3V3. Therefore, VDDIO may power-up before LDO_3V3. When VDDIO powers up before LDO_3V3,
the I/Os shall not be driven high. When VDDIO is low and LDO_3V3 is high, the I/Os may be driven high.
7.5 Power Supply Requirements and Characteristics
Recommended operating conditions; TA = –10 to 85°C unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
EXTERNAL
VIN_3V3
Input 3.3-V supply
2.85
3.3
3.45
V
PP_CABLE
Input voltage to power C_CC pins. This input is
also available to power core circuitry and the
VOUT_3V3 output
2.95
5
5.5
V
VBUS
Bi-direction DC bus voltage. Output from the
TPS65982 or input to the TPS65982
4
5
22
V
PP_5V0
5V supply input to power VBUS. This supply does
not power the TPS65982
4.75
5
5.5
V
VDDIO(1)
Optional supply for I/O cells
1.7
3.45
V
INTERNAL
VLDO_3V3
DC 3.3V generated internally by either a switch
from VIN_3V3, an LDO from PP_CABLE, or an
LDO from VBUS
2.7
3.3
3.45
V
VDO_LDO3V3
Drop Out Voltage of LDO_3V3 from PP_CABLE
ILOAD = 50 mA
250
mV
Drop Out Voltage of LDO_3V3 from VBUS
250
500
750
mV
VLDO_1V8D
DC 1.8V generated for internal digital circuitry
1.7
1.8
1.9
V
VLDO_1V8A
DC 1.8V generated for internal analog circuitry
1.7
1.8
1.9
V
VLDO_BMC
DC voltage generated on LDO_BMC. Setting for
USB-PD
1.05
1.125
1.2
V
ILDO_3V3
DC current supplied by the 3.3V LDOs. This
includes internal core power and external load on
LDO_3V3
70
mA
ILDO_3V3EX
External DC current supplied by LDO_3V3
30
mA
IOUT_3V3
External DC current supplied by VOUT_3V3
100
mA
ILDO_1V8D
DC current supplied by LDO_1V8D. This is
intended for internal loads only but small external
loads may be added
50
mA
ILDO_1V8DEX
External DC current supplied by LDO_1V8D
5
mA
ILDO_1V8A
DC current supplied by LDO_1V8A. This is
intended for internal loads only but small external
loads may be added
20
mA
ILDO_1V8AEX
External DC current supplied by LDO_1V8A
5
mA
ILDO_BMC
DC current supplied by LDO_BMC. This is
intended for internal loads only
5
mA
ILDO_BMCEX
External DC current supplied by LDO_BMC
0
mA
VFWD_DROP
Forward voltage drop across VIN_3V3 to
LDO_3V3 switch
ILOAD = 50 mA
25
60
90
mV
RIN_3V3
Input switch resistance from VIN_3V3 to
LDO_3V3
VVIN_3V3 – VLDO_3V3 > 50 mV
0.5
1.1
1.75
Ω
ROUT_3V3
Output switch resistance from VIN_3V3 to
VOUT_3V3
0.35
0.7
Ω
TR_OUT3V3
10-90% rise time on VOUT_3V3 from switch
enable
CVOUT_3V3 = 1 μF
35
120
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com