Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65982ABZBHR Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65982ABZBHR
Description  USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65982ABZBHR Datasheet(HTML) 42 Page - Texas Instruments

Back Button TPS65982ABZBHR Datasheet HTML 38Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 39Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 40Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 41Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 42Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 43Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 44Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 45Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 121 page
background image
VREVHV
I
VBUS-PP_HV
1/RPPHV
VREVHV/RPPHV
1/RPPHV
VREVHV
IREVHV
I
V
42
TPS65982
SLVSD02D – MARCH 2015 – REVISED JUNE 2019
www.ti.com
Product Folder Links: TPS65982
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
9.3.3.6 Internal HV Power Switch as a Source
The TPS65982 provides power from PP_HV to VBUS at the USB Type-C port as an output when operating as a
source. When the switch is on as a source, the path behaves resistively until the current reaches the amount
calculated by Equation 3 and then blocks reverse current from VBUS to PP_HV. Figure 25 shows the diode
behavior of the switch as a source.
IREVHV = VREVHV/RPPHV
(3)
Figure 25. Internal HV Switch I-V Curve as a Source
9.3.3.7 Internal HV Power Switch as a Sink
The TPS65982 can also receive power from VBUS to PP_HV when operating as a sink. When the switch is on
as a sink the path behaves as an ideal diode and blocks reverse current from PP_HV to VBUS. Figure 26 shows
the diode behavior of the switch as a sink.
Figure 26. Internal HV Switch I-V Curve as a Sink
9.3.3.8 Internal HV Power Switch Current Sense
The current from PP_HV to VBUS is sensed through the switch and is available to be read digitally through the
ADC only when the switch is sourcing power. When sinking power, the readout from the ADC will not reflect the
current.
9.3.3.9 Internal HV Power Switch Current Limit
The current through PP_HV to VBUS is current limited to ILIMPPHV (only when operating as a source) and is
controlled automatically by the digital core. When the current exceeds ILIMPPHV, the current-limit circuit
activates. Depending on the severity of the over-current condition, the transient response will react in one of two
ways: Figure 27 shows the approximate response time and clamping characteristics of the circuit for a hard short
while Figure 28 shows the approximate response time and clamping characteristics for a soft short of 7 Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com