Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65982ABZBHR Datasheet(PDF) 89 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65982ABZBHR
Description  USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65982ABZBHR Datasheet(HTML) 89 Page - Texas Instruments

Back Button TPS65982ABZBHR Datasheet HTML 85Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 86Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 87Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 88Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 89Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 90Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 91Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 92Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 121 page
background image
Type-C Cable
Connected
Flash FW
Load Start
Boot
Application
Load
PD Comm.
Enabled
20 V PD Power
Contract
VBUS
Application
FW Load
Active
TPS65982 Code
0 V
5 V
20 V
DC Barrel Jack
Attached
DC Barrel Jack
Detect/PFET Enable
Type-C
Charging
Barrel Jack
Inserted
Barrel Jack
Removed
Enter 20 V Type-C
PD Contract
Barrel Jack
Inserted
Exit 20 V Type-C
PD Contract
Barrel Jack Charging
Barrel Jack Charging
PD Charging
89
TPS65982
www.ti.com
SLVSD02D – MARCH 2015 – REVISED JUNE 2019
Product Folder Links: TPS65982
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
10.2.2.2.6
Debugging Methods
The TPS65982 has methods of debugging a Type-C and PD system. In addition to the resistances
recommended in the I2C (I2C), Debug Control (DEBUG_CTL), and Single-Wire De-bugger (SWD) Resistors
section, additional series resistors are used for debugging. The two I2C channels allow a designer to check the
system state through the Host Interface Specification. By attaching 0-Ω series resistors between the I
2C master
and the TPS65982 and additionally adding 0-Ω series resistors between the TPS65982 and test points, a multi-
master scenario can be avoided. This allows breaking the connection between the I2C channels and the system
to allow I2C access to the TPS65982 from an external tool. A header is used to allow for connections without
soldering; however, SMT test pads can be used to provide a place to solder blue-wires for testing.
Exposing the SWD_DATA and SWD_CLK pins will allow for more advanced debugging if needed. A header or
SMT test point is also used for the SWD_DATA and SWD_CLK pins.
10.2.2.3 Application Curves
Figure 83. DC Barrel Jack and Type-C PD Charging
Hand-Off
Figure 84. Primary TPS65982 Dead Battery
Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com