Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65982ABZBHR Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65982ABZBHR
Description  USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65982ABZBHR Datasheet(HTML) 37 Page - Texas Instruments

Back Button TPS65982ABZBHR Datasheet HTML 33Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 34Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 35Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 36Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 37Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 38Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 39Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 40Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 121 page
background image
37
TPS65982
www.ti.com
SLVSD02D – MARCH 2015 – REVISED JUNE 2019
Product Folder Links: TPS65982
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
Feature Description (continued)
9.3.2.1 Configured as a DFP
When configured as a DFP, the TPS65982 detects when a cable or a UFP is attached using the C_CC1 and
C_CC2 pins. When in a disconnected state, the TPS65982 monitors the voltages on these pins to determine
what, if anything, is connected. See the USB Type-C Specification for more information.
Table 1 shows the high-level detection results. Refer to the USB Type-C Specification for more information.
Table 1. Cable Detect States for a DFP
C_CC1
C_CC2
CONNECTION STATE
RESULTING ACTION
Open
Open
Nothing attached
Continue monitoring both C_CC pins for attach. Power is not applied to VBUS or
VCONN until a UFP connect is detected.
Rd
Open
UFP attached
Monitor C_CC1 for detach. Power is applied to VBUS but not to VCONN (C_CC2).
Open
Rd
UFP attached
Monitor C_CC2 for detach. Power is applied to VBUS but not to VCONN (C_CC1).
Ra
Open
Powered Cable/No UFP
attached
Monitor C_CC2 for a UFP attach and C_CC1 for cable detach. Power is not applied
to VBUS or VCONN (C_CC1) until a UFP attach is detected.
Open
Ra
Powered Cable/No UFP
attached
Monitor C_CC1 for a UFP attach and C_CC2 for cable detach. Power is not applied
to VBUS or VCONN (C_CC1) until a UFP attach is detected.
Ra
Rd
Powered Cable/UFP Attached
Provide power on VBUS and VCONN (C_CC1) then monitor C_CC2 for a UFP
detach. C_CC1 is not monitored for a detach.
Rd
Ra
Powered Cable/UFP attached
Provide power on VBUS and VCONN (C_CC2) then monitor C_CC1 for a UFP
detach. C_CC2 is not monitored for a detach.
Rd
Rd
Debug Accessory Mode
attached
Sense either C_CC pin for detach.
Ra
Ra
Audio Adapter Accessory
Mode attached
Sense either C_CC pin for detach.
When the TPS65982 is configured as a DFP, a current IH_CC is driven out each C_CCn pin and each pin is
monitored for different states. When a UFP is attached to the pin, a pulldown resistance of Rd to GND will exist.
The current IH_CC is then forced across the resistance Rd generating a voltage at the C_CCn pin.
When configured as a DFP advertising Default USB current sourcing capability, the TPS65982 applies
IH_CC_USB to each C_CCn pin. When a UFP with a pulldown resistance Rd is attached, the voltage on the
C_CCn pin will pull below VH_CCD_USB. The TPS65982 can also be configured as a DFP to advertise default
(500 mA), 1.5 A and 3 A sourcing capabilities.
When the C_CCn pin is connected to an active cable VCONN (power to the active cable), the pulldown
resistance
will
be
different
(Ra).
In
this
case,
the
voltage
on
the
C_CCn
pin
will
pull
below
VH_CCA_USB/1P5/3P0 and the system will recognize the active cable.
The VH_CCD_USB/1P5/3P0 thresholds are monitored to detect a disconnection from each of these cases
respectively. When a connection has been recognized and the voltage on the C_CCn pin rises above the
VH_CCD_USB/1P5/3P0 threshold, the system will register a disconnection.
9.3.2.2 Configured as a UFP
When the TPS65982 is configured as a UFP, the TPS65982 presents a pulldown resistance RD_CC on each
C_CCn pin and waits for a DFP to attach and pullup the voltage on the pin. The DFP will pullup the C_CC pin by
applying either a resistance or a current. The UFP detects an attachment by the presence of VBUS. The UFP
determines the advertised current from the DFP by the pullup applied to the C_CCn pin.
9.3.2.3 Dead-Battery or No-Battery Support
Type-C USB ports require a sink to present Rd on the CC pin before a USB Type-C source will provide a voltage
on VBUS. The TPS65982 is hardware-configurable to present this Rd during a dead-battery or no-battery
condition. Additional circuitry provides a mechanism to turn off this Rd when the port is acting as a source.
Figure 19 shows the RPD_Gn pin used to configure the behavior of the C_CCn pins, and elaborates on the basic
cable plug and orientation detection block shown in Figure 18. RPD_G1 and RPD_G2 configure C_CC1 and
C_CC2 respectively. A resistance R_RPD is connected to the gate of the pulldown FET on each C_CCn pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com