Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65982ABZBHR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65982ABZBHR
Description  USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65982ABZBHR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS65982ABZBHR Datasheet HTML 5Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 6Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 7Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 8Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 9Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 10Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 11Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 12Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 121 page
background image
9
TPS65982
www.ti.com
SLVSD02D – MARCH 2015 – REVISED JUNE 2019
Product Folder Links: TPS65982
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
Pin Functions (continued)
PIN
TYPE
CATEGORY
POR
STATE
DESCRIPTION
NO.
NAME
H7
SS
Analog
output
External HV-FET
control and
sense pins and
soft start
Driven low
Soft Start. Tie pin to capacitance CSS to ground.
H8
GND
Ground
Ground and no
connect pins
—
Ground. Connect all balls to ground plane.
H9
No Ball
Blank
Ground and no
connect pins
—
Unpopulated ball for A1 marker and unpopulated inner ring.
J1
AUX_P
Analog I/O
Port multiplexer
pins
Hi-Z
System-side DisplayPort connection to port multiplexer. Ground pin with
between 1-kΩ and 5-MΩ resistance when unused.
J10
VBUS
Power
High-current
power pins
—
5-V output from PP_5V0. Input or output from PP_HV up to 20 V. Bypass
with capacitance CVBUS to GND.
J11
J2
AUX_N
Analog I/O
Port multiplexer
pins
Hi-Z
System-side DisplayPort connection to port multiplexer. Ground pin with
between 1-kΩ and 5-MΩ resistance when unused.
J3
No Ball
Blank
Ground and no
connect pins
—
Unpopulated ball for A1 marker and unpopulated inner ring.
J4
J5
J6
J7
J8
J9
K1
LDO_1V8A
Power
Low-current
power pins
—
Output of the 1.8-V LDO for core analog circuits. Bypass with capacitance
CLDO_1V8A to GND.
K10
RPD_G2
Analog I/O
Type-C port pins
Hi-Z
Tie pin to C_CC2 when configured to receive power in dead-battery or no-
power condition. Tie pin to GND otherwise.
K11
VBUS
Power
High-current
power pins
—
5-V output from PP_5V0. Input or output from PP_HV up to 20 V. Bypass
with capacitance CVBUS to GND.
K2
DEBUG2
(GPIO14)
Digital I/O
Digital core I/O
and control pins
Hi-Z
General purpose digital I/O 14. Float pin if it is configured as a push-pull
output in the application. Ground pin with a 1-MΩ resistor when unused in
the application.
K3
DEBUG4
(GPIO12)
Digital I/O
Digital core I/O
and control pins
Hi-Z
General purpose digital I/O 12. Float pin if it is configured as a push-pull
output in the application. Ground pin with a 1-MΩ resistor when unused in
the application.
K4
LSX_P2R
Digital
output
Port multiplexer
pins
Hi-Z
System side low speed RX to system from port. This pin is configurable to
be an output from the digital core or the crossbar multiplexer from the port.
Float pin when unused.
K5
USB_RP_N
Analog I/O
Port multiplexer
pins
Hi-Z
System side USB2.0 high-speed connection to Port Multiplexer. Ground pin
with between 1-kΩ and 5-MΩ resistance when unused.
K6
C_USB_TP
Analog I/O
Type-C port pins
Hi-Z
Port-side top USB D+ connection to port multiplexer.
K7
C_USB_BP
Analog I/O
Type-C port pins
Hi-Z
Port-side bottom USB D+ connection to port multiplexer.
K8
C_SBU1
Analog I/O
Type-C port pins
Hi-Z
Port-side Sideband Use connection of port multiplexer.
K9
RPD_G1
Analog I/O
Type-C port pins
Hi-Z
Tie pin to C_CC1 when configured to receive power in dead-battery or no-
power condition. Tie pin to GND otherwise.
L1
GND
Ground
Ground and no
connect pins
—
Ground. Connect all balls to ground plane.
L10
C_CC2
Analog I/O
Type-C port pins
Hi-Z
Output to Type-C CC or VCONN pin. Filter noise with capacitance CC_CC2
to GND.
L11
NC
Blank
Ground and no
connect pins
—
Populated ball that must remain unconnected.
L2
DEBUG1
(GPIO15)
Digital I/O
Digital core I/O
and control pins
Hi-Z
General purpose digital I/O 15. Float pin if it is configured as a push-pull
output in the application. Ground pin with a 1-MΩ resistor when unused in
the application.
L3
DEBUG3
(GPIO13)
Digital I/O
Digital core I/O
and control pins
Hi-Z
General purpose digital I/O 13. Float pin if it is configured as a push-pull
output in the application. Ground pin with a 1-MΩ resistor when unused in
the application.
L4
LSX_R2P
Digital input
Port multiplexer
pins
Digital input
System side low speed TX from system to port. This pin is configurable to
be an input to the digital core or the crossbar multiplexer to the port.
Ground pin with between 1-kΩ and 5-MΩ resistance when unused.
L5
USB_RP_P
Analog I/O
Port multiplexer
pins
Hi-Z
System side USB2.0 high-speed connection to Port Multiplexer. Ground pin
with between 1-kΩ and 5-MΩ resistance when unused.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com