Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65982ABZBHR Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65982ABZBHR
Description  USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65982ABZBHR Datasheet(HTML) 48 Page - Texas Instruments

Back Button TPS65982ABZBHR Datasheet HTML 44Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 45Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 46Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 47Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 48Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 49Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 50Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 51Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 121 page
background image
PP_5V0
VBUS
Fast
current
limit
PP_5V0 Gate Control
and Current Limit
VHVDISPD
Slew Rate
Controlled
Pulldown
Time
TSTABLE
Old Voltage
New Voltage
SRNEG
VSRCVALID (min)
VSRCNEW (min)
VSRCNEW (max)
VSRCVALID (max)
48
TPS65982
SLVSD02D – MARCH 2015 – REVISED JUNE 2019
www.ti.com
Product Folder Links: TPS65982
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
Figure 35. Negative Voltage Transition on VBUS
9.3.3.19 HV Transition to PP_RV0 Pull-Down on VBUS
The TPS65982 has an integrated active pulldown on VBUS when transitioning from PP_HV to PP_5V0, shown in
Figure 36. When the PP_HV switch is disabled and VBUS > PP_5V0 + VHVDISPD, amplifier turns on a current
source and pulls down on VBUS. The amplifier implements active slew rate control by adjusting the pulldown
current to prevent the slew rate from exceeding specification. When VBUS falls to within VHVDISPD of PP_5V0,
the pulldown is turned off. The load on VBUS will then continue to pull VBUS down until the ideal diode switch
structure turns on connecting it to PP_5V0. When switching from PP_HV or PP_EXT to PP_5V0, PP_HV or
PP_EXT must be above VSO_HV to follow the switch-over shown in Figure 35.
Figure 36. PP_5V0 Slew Rate Control
9.3.3.20 VBUS Transition to VSAFE0V
When VBUS transitions to near 0 V (VSAFE0V), the pulldown circuit in Figure 36 is turned on until VBUS
reaches VSAFE0V. This transition will occur within time TSAFE0V.
9.3.3.21 C_CC1 and C_CC2 Power Configuration and Power Delivery
The C_CC1 and C_CC2 pins are used to deliver power to active circuitry inside a connected cable and output
USB-PD data to the cable and connected device. Figure 20 shows the C_CC1, and C_CC2 outputs to the port.
Only one of these pins will be used to deliver power at a time depending on the cable orientation. The other pin
will be used to transmit USB-PD data through the cable to a connected device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com