Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65982ABZBHR Datasheet(PDF) 91 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65982ABZBHR
Description  USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65982ABZBHR Datasheet(HTML) 91 Page - Texas Instruments

Back Button TPS65982ABZBHR Datasheet HTML 87Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 88Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 89Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 90Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 91Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 92Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 93Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 94Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 121 page
background image
91
TPS65982
www.ti.com
SLVSD02D – MARCH 2015 – REVISED JUNE 2019
Product Folder Links: TPS65982
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
11 Power Supply Recommendations
11.1 3.3-V Power
11.1.1 VIN_3V3 Input Switch
The VIN_3V3 input is the main supply to the TPS65982. The VIN_3V3 switch (S1 in Figure 49) is a unidirectional
switch from VIN_3V3 to LDO_3V3, not allowing current to flow backwards from LDO_3V3 to VIN_3V3. This
switch is on when 3.3 V is available. See Table 18 for the recommended external capacitance on the VIN_3V3
pin.
11.1.2 VOUT_3V3 Output Switch
The VOUT_3V3 output switch (S2 in Figure 49) enables a low-current auxiliary supply to an external element.
This switch is controlled by and is off by default. The VOUT_3V3 output has a supervisory circuit that drives the
RESETZ output as a POR signal to external elements. RESETZ is also asserted by the MRESET pin or a host
controller. See RESETZ and MRESET for more details on RESETZ. See Table 18 for the recommended external
capacitance on the VOUT_3V3 pin.
11.1.3 VBUS 3.3-V LDO
The 3.3-V LDO from VBUS steps down voltage from VBUS to LDO_3V3. This allows the TPS65982 to be
powered from VBUS when VIN_3V3 is not available. This LDO steps down any recommended voltage on the
VBUS pin. When VBUS is 20 V, as is allowable by USB PD, the internal circuitry of the TPS65982 will operate
without triggering thermal shutdown; however, a significant external load on the LDO_3V3 pin may increase
temperature enough to trigger thermal shutdown. The VBUS 3.3-V LDO blocks reverse current from LDO_3V3
back to VBUS allowing VBUS to be unpowered when LDO_3V3 is driven from another source. See Table 18 for
the recommended external capacitance on the VBUS and LDO_3V3 pins.
11.2 1.8 V Core Power
Internal circuitry is powered from 1.8 V. There are two LDOs that step the voltage down from LDO_3V3 to 1.8 V.
One LDO powers the internal digital circuits. The other LDO powers internal low voltage analog circuits.
11.2.1 1.8 V Digital LDO
The 1.8 V Digital LDO provides power to all internal low voltage digital circuits. This includes the digital core,
memory, and other digital circuits. See Table 18 for the recommended external capacitance on the LDO_1V8D
pin.
11.2.2 1.8 V Analog LDO
The 1.8 V Analog LDO provides power to all internal low voltage analog circuits. See Table 18 for the
recommended external capacitance on the LDO_1V8A pin.
11.3 VDDIO
The VDDIO pin provides a secondary input allowing some I/Os to be powered by a source other than LDO_3V3.
The default state is power from LDO_3V3. The memory stored in the flash will configure the I/O’s to use
LDO_3V3 or VDDIO as a source and application code will automatically scale the input and output voltage
thresholds of the I/O buffer accordingly. See I/O Buffers for more information on the I/O buffer circuitry. See
Table 18 for the recommended external capacitance on the VDDIO pin.
11.3.1 Recommended Supply Load Capacitance
Table 18 lists the recommended board capacitances for the various supplies. The typical capacitance is the
nominally rated capacitance that must be placed on the board as close to the pin as possible. The maximum
capacitance must not be exceeded on pins for which it is specified. The minimum capacitance is minimum
capacitance allowing for tolerances and voltage de-rating ensuring proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com