Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65982ABZBHR Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65982ABZBHR
Description  USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65982ABZBHR Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPS65982ABZBHR Datasheet HTML 14Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 15Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 16Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 17Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 18Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 19Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 20Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 21Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 121 page
background image
18
TPS65982
SLVSD02D – MARCH 2015 – REVISED JUNE 2019
www.ti.com
Product Folder Links: TPS65982
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
Port Power Switch Characteristics (continued)
Recommended operating conditions; TA = –10 to 85°C unless otherwise noted
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
(5)
Limit the resistance from the HV_GATE1/2 pins to the external FET gate pins to < 1Ω to provide adequate response time to short circuit
events.
IPP5V_ACC(4)
PP_5V0 current sense accuracy
I = 100 mA Reverse current
blocking disabled
1.95
3
4.05
A/V
I = 200 mA
2.4
3
3.6
A/V
I = 500 mA
2.64
3
3.36
A/V
I
≥ 1 A
2.7
3
3.3
A/V
IPPCBL_ACC
PP_CABLE current sense accuracy
I = 100 mA
1
A/V
I = 200 mA
1
A/V
I = 500 mA
1
A/V
IGATEEXT(5)
External Gate Drive Current on HV_GATE1
and HV_GATE2
4
5
6
μA
VGSEXT
VGS voltage driving external FETs
4.5
7.5
V
TON_HV
PP_HV path turn on time from enable to VBUS
= 95% of PP_HV voltage
Configured as a source or as a
sink with soft start disabled.
PP_HV = 20 V, CVBUS = 10 μF,
ILOAD = 100 mA
8
ms
TON_5V
PP_5V0 path turn on time from enable to
VBUS = 95% of PP_5V0 voltage
Configured as a source or as a
sink with soft start disabled.
PP_5V0 = 5 V, CVBUS = 10 μF,
ILOAD = 100 mA
2.5
ms
TON_CC
PP_CABLE path turn on time from enable to
C_CCn = 95% of the PP_CABLE voltage
PP_CABLE = 5 V, C_CCn = 500
nF, ILOAD = 100 mA
2
ms
ISS
Soft start charging current
5.5
7
8.5
μA
RSS_DIS
Soft start discharge resistance
0.6
1
1.4
kΩ
VTHSS
Soft start complete threshold
1.35
1.5
1.65
V
TSSDONE
Soft start complete time
CSS = 220 nF
31.9
46.2
60.5
ms
VREVPHV
Reverse current blocking voltage threshold for
PP_HV switch
2
6
10
mV
VREVPEXT
Reverse Current Blocking voltage Threshold for
PP_EXT external switches
2
6
10
mV
VREV5V0
Reverse current blocking voltage threshold for
PP_5V0 switches
2
6
10
mV
VHVDISPD
Voltage threshold above VIN at which the
pulldown RHVDISPD on VBUS will disable
during a transition from PHV to 5V0
45
200
250
mV
VSAFE0V
Voltage that is a safe 0 V per USB-PD
Specifications
0
0.8
V
TSAFE0V
Voltage transition time to VSAFE0V
650
ms
VSO_HV
Voltage on PP_HV or PP_HVEXT above which
the PP_HV or PP_EXT to PP_5V0 transition on
VBUS will meet transition requirements
9.9
V
SRPOS
Maximum slew rate for positive voltage
transitions
0.03
V/μs
SRNEG
Maximum slew rate for negative voltage
transitions
–0.03
V/μs
TSTABLE
EN to stable time for both positive and negative
voltage transitions
275
ms
VSRCVALID
Supply output tolerance beyond VSRCNEW
during time TSTABLE
–0.5
0.5
V
VSRCNEW
Supply output tolerance
–5
5
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com