Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65982ABZBHR Datasheet(PDF) 62 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65982ABZBHR
Description  USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65982ABZBHR Datasheet(HTML) 62 Page - Texas Instruments

Back Button TPS65982ABZBHR Datasheet HTML 58Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 59Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 60Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 61Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 62Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 63Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 64Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 65Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 121 page
background image
Enter DP
Alternate
Mode
S0: HPD Low
Wait State
Firmware enables
HPD RX
Start HPD Timer
HPD GPIO
is High
S1: HPD High
Debounce State
HPD GPIO
is low
HPD GPIO goes
low before Timer
reaches High_Debounce
Generate
HPD_High
interrupt,
Stop HPD Timer
Timer passes
High_Debounce
S2: HPD High
Wait State
HPD GPIO
is high
Start HPD Timer
HPD GPIO
is low
S3: HPD Low
Debounce State
HPD GPIO goes
high before Timer
reaches Low_Debounce
S4: HPD IRQ
Detect State
Timer passes
Low_Debounce
Generate
HPD_IRQ
Interrupt
HPD GPIO goes
high before Timer
reaches IRQ_Limit
Generate
HPD_LOW
Interrupt,
Stop HPD Timer
Timer Passes
IRQ_Limit
62
TPS65982
SLVSD02D – MARCH 2015 – REVISED JUNE 2019
www.ti.com
Product Folder Links: TPS65982
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
Figure 52. HPD TX Flow Diagram
9.3.17 ADC
The TPS65982 ADC is shown in Figure 53. The ADC is a 10-bit successive approximation ADC. The input to the
ADC is an analog input multiplexer that supports multiple inputs from various voltages and currents in the device.
The output from the ADC is available to be read and used by application firmware. Each supply voltage into the
TPS65982 is available to be converted including the port power path inputs and outputs. All GPIO, the C_CCn
pins, the charger detection voltages are also available for conversion. To read the port power path current
sourced to VBUS, the high-voltage and low-voltage power paths are sensed and converted to voltages to be
read by the ADC. For the external FET path, the difference in the SENSEP and SENSEN voltages is converted
to detect the current (IPP_EXT) that is sourced through this path by dividing by the RSENSE resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com