Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65982ABZBHR Datasheet(PDF) 80 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65982ABZBHR
Description  USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65982ABZBHR Datasheet(HTML) 80 Page - Texas Instruments

Back Button TPS65982ABZBHR Datasheet HTML 76Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 77Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 78Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 79Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 80Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 81Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 82Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 83Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 121 page
background image
I2C_ADDR
5 µA
R_I2C
DEBUG_CTL1
DEBUG_CTL2
Debug Data
To Address
Decoder
To Address
Decoder
Tristate
ADC
80
TPS65982
SLVSD02D – MARCH 2015 – REVISED JUNE 2019
www.ti.com
Product Folder Links: TPS65982
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
Figure 76. I2C Address Decode
Table 10 lists the external resistance needed to set bits [3:1] of the I2C Unique Address. For the Primary
TPS65982 (UART Master), the I2C_ADDR pin is grounded and this TPS65982 is connected to the SPI Flash. In
a two Type-C port system sharing one SPI Flash, I2C_ADDR is left as an open-circuit (UART Slave 1) and this
TPS65982 is referred to as the Secondary.
Table 10. I2C Address Resistance
TPS65982
DEVICE
EXTERNAL
RESISTANCE (1%)
I2C UNIQUE
ADDRESS [3:1]
SPI Owner, UART
Master 0 (Primary)
0 Ω
0x00
UART Slave 7
38.3 kΩ
0x01
UART Slave 6
84.5 kΩ
0x02
UART Slave 5
140 kΩ
0x03
UART Slave 4
205 kΩ
0x04
UART Slave 3
280 kΩ
0x05
UART Slave 2
374 kΩ
0x06
UART Slave 1
(Secondary)
Open
0x07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com