Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65982ABZBHR Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65982ABZBHR
Description  USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65982ABZBHR Datasheet(HTML) 63 Page - Texas Instruments

Back Button TPS65982ABZBHR Datasheet HTML 59Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 60Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 61Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 62Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 63Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 64Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 65Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 66Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 121 page
background image
SAR ADC
Input
Mux
10 bits
Buffers
Voltage
Dividers
Thermal
Sense
I-to-V
GPIO5
C_CC1
C_CC2
BC_ID
VBUS
PP_HV
PP_5V0
PP_CABLE
VIN_3V3
VOUT_3V3
LDO_3V3
LDO_1V8A
LDO_1V8D
SENSEP
IPP_HV
IPP_5V0
SENSEP-SENSEN (IPP_EXT)
IPP_CABLE
GPIO0-8
I2C_ADDR
63
TPS65982
www.ti.com
SLVSD02D – MARCH 2015 – REVISED JUNE 2019
Product Folder Links: TPS65982
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
Figure 53. SAR ADC
9.3.17.1 ADC Divider Ratios
The ADC voltage inputs are each divided down to the full-scale input of 1.2 V. The ADC current sensing
elements are not divided.
Table 6 shows the divider ratios for each ADC input. The table also shows which inputs are auto-sequenced in
the round robin automatic readout mode. The C_CC1 and C_CC2 pin voltages each have two conversions
values. The divide-by-5 (CCn_BY5) conversion is intended for use when the C_CCn pin is configured as VCONN
output and the divide-by-2 (CCn_BY2) conversion is intended for use when C_CCn pin is configured as the CC
data pin.
Table 6. ADC Divider Ratios
CHANNEL #
SIGNAL
TYPE
AUTO-SEQUENCED
DIVIDER RATIO
BUFFERED
0
Thermal Sense
Temperature
Yes
N/A
No
1
VBUS
Voltage
Yes
25
No
2
SENSEP
Voltage
Yes
25
No
3
IPP_EXT
Current
Yes
N/A
No
4
PP_HV
Voltage
Yes
25
No
5
IPP_HV
Current
Yes
N/A
No
6
PP_5V0
Voltage
Yes
5
No
7
IPP_5V0
Current
Yes
N/A
No
8
CC1_BY5
Voltage
Yes
5
Yes
9
IPP_CABLE
Current
Yes
N/A
No
10
CC2_BY5
Voltage
Yes
5
Yes
11
GPIO5
Voltage
No
1
No
12
CC1_BY2
Voltage
No
2
Yes
13
CC2_BY2
Voltage
No
2
Yes
14
PP_CABLE
Voltage
No
5
No
15
VIN_3V3
Voltage
No
3
No
16
VOUT_3V3
Voltage
No
3
No
17
BC_ID
Voltage
No
3
Yes
18
LDO_1V8A
Voltage
No
2
No
19
LDO_1V8D
Voltage
No
2
No
20
LDO_3V3
Voltage
No
3
No
21
I2C_ADDR
Voltage
No
3
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com