Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65982ABZBHR Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65982ABZBHR
Description  USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65982ABZBHR Datasheet(HTML) 39 Page - Texas Instruments

Back Button TPS65982ABZBHR Datasheet HTML 35Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 36Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 37Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 38Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 39Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 40Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 41Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 42Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 121 page
background image
PP_5V0
VBUS
Fast
current
limit
PP_5V0 Gate Control
and Current Limit
PP_HV
Fast
current
limit
PP_HV Gate Control
and Current Limit
5A
RSENSE
10 mΩ ± 1%
NMOS
HV Gate Control and Sense
PP_EXT
PP_CABLE
C_CC1
600mA
Fast
current
limit
C_CC2
3A
3A
C_CC2 Gate
Control
C_CC1 Gate
Control
C_CC1/2 Gate Control
and Current Limit
39
TPS65982
www.ti.com
SLVSD02D – MARCH 2015 – REVISED JUNE 2019
Product Folder Links: TPS65982
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
Figure 20. Port Power Paths
9.3.3.1 5V Power Delivery
The TPS65982 provides port power to VBUS from PP_5V0 when a low voltage output is needed. The switch
path provides 5 V at up to 3 A to from PP_5V0 to VBUS. Figure 20 shows a simplified circuit for the switch from
PP_5V0 to VBUS.
9.3.3.2 5V Power Switch as a Source
The PP_5V0 path is unidirectional, sourcing power from PP_5V0 to VBUS only. When the switch is on, the
protection circuitry limits reverse current from VBUS to PP_5V0. Figure 21 shows the I-V characteristics of the
reverse current protection feature. Figure 21 and the reverse current limit can be approximated using Equation 2.
IREV5V0 = VREV5V0/RPP5V
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com