Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65982ABZBHR Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65982ABZBHR
Description  USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65982ABZBHR Datasheet(HTML) 45 Page - Texas Instruments

Back Button TPS65982ABZBHR Datasheet HTML 41Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 42Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 43Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 44Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 45Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 46Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 47Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 48Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 121 page
background image
ISS
Ramp Rate
9
CSS
=
´
5 A
NMOS
HV Gate Control and Sense
PP_EXT
45
TPS65982
www.ti.com
SLVSD02D – MARCH 2015 – REVISED JUNE 2019
Product Folder Links: TPS65982
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
Figure 30. External HV Switch as a Sink without RSENSE
9.3.3.14 External Current Sense
The current through the external NFETs to VBUS is sensed through the RSENSE resistor and is available to be
read digitally through the ADC. When acting as a source, the readout from the ADC will only accurately reflect
the current through the external NFETs when the connection of SENSEP and SENSEN adheres to Figure 20.
When acting as a sink, the readout from the ADC will only accurately reflect the current through the external
NFETs when the connection of SENSEP and SENSEN adheres to Figure 29.
9.3.3.15 External Current Limit
The current through the external NFETs to VBUS is current limited when acting as a source or a sink. The
current is sensed across the external RSENSE resistance. The current limit is set by a combination of the
RSENSE magnitude and configuration settings for the voltage across the resistance. When the voltage across
the RSENSE resistance exceeds the automatically set voltage limit, the current-limit circuit is activated.
9.3.3.16 Soft Start
When configured as a sink, the SS pin provides a soft start function for each of the high-voltage power path
supplies (P_HV and external PP_EXT path) up to 5.5 V. The SS circuitry is shared for each path and only one
path will turn on as a sink at a time. The soft start is enabled by application code or via the host processor. The
SS pin is initially discharged through a resistance RSS_DIS. When the switch is turned on, a current ISS is
sourced from the pin to a capacitance CSS. This current into the capacitance generates a slow ramping voltage.
This voltage is sensed and the power path FETs turn on and the voltage follows this ramp. When the voltage
reaches the threshold VTHSS, the power path FET will be near being fully turned on, the output voltage will be
fully charged. At time TSSDONE, a signal to the digital core indicates that the soft start function has completed.
The ramp rate of the supply is given by Equation 4:
(4)
The maximum ramp voltage for the supply is approximately 16.2 V. For any input voltage higher than this, the
ramp will stop at 16.2 V until the firmware disables the soft start. At this point, the voltage will step to the input
voltage at a ramp rate defined by approximately 7 μA into the gate capacitance of the switch. The TSSDONE
time is independent of the actual final ramp voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com