Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65982ABZBHR Datasheet(PDF) 73 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65982ABZBHR
Description  USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65982ABZBHR Datasheet(HTML) 73 Page - Texas Instruments

Back Button TPS65982ABZBHR Datasheet HTML 69Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 70Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 71Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 72Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 73Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 74Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 75Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 76Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 121 page
background image
Region Pointer (RPTR)
Low Header
4 kB
App Code Offset (AOFF)
Region Pointer (RPTR)
High Header
4 kB
App Code Offset (AOFF)
0x000000
0x000004
0x000000
0x000FFC
0x001000
0x001004
0x001FFC
0x002000
RPTR+AOFF
RPTR+AOFF+CSIZE
Application Code
(max. 64 kB)
ID, Header, &
Configuration Data
(max. 4 kB)
73
TPS65982
www.ti.com
SLVSD02D – MARCH 2015 – REVISED JUNE 2019
Product Folder Links: TPS65982
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
Device Functional Modes (continued)
Figure 66. Flash Memory Organization
There are two 4 kB header blocks starting at address 0x000000h. The Low Header 4 kB block is at address
0x000000h and the High Header 4 kB block is at 0x001000h. Each header contains a Region Pointer (RPTR)
that holds the address of the physical location in memory where the low region application code resides. Each
also contains an Application Code Offset (AOFF) that contains the physical offset inside the region where the
TPS65982 application code resides. The TPS65982 firmware physical location in memory is RPTR + AOFF. The
first sections of the TPS65982 application code contain device configuration settings where CSIZE is maximum
of 4 kB. This configuration determines the devices default behavior after power-up and can be customized using
the TPS65982 Configuration Tool. These pointers may be valid or invalid. The Flash Read flow handles reading
and determining whether a region is valid and contains good application code.
9.4.6 Flash Memory Read
The TPS65982 first attempts to load application code from the low region of the attached flash memory. If any
part of the read process yields invalid data, the TPS65982 will abort the low region read and attempt to read from
the high region. If both regions contain invalid data the device carries out the Invalid Memory flow. Figure 67
shows the flash memory read flow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com