Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5466 Datasheet(PDF) 105 Page - STMicroelectronics

Part # STLC5466
Description  64 CHANNEL-MULTI HDLC WITH N X 64KB/S SWITCHING MATRIX ASSOCIATED
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5466 Datasheet(HTML) 105 Page - STMicroelectronics

Back Button STLC5466 Datasheet HTML 101Page - STMicroelectronics STLC5466 Datasheet HTML 102Page - STMicroelectronics STLC5466 Datasheet HTML 103Page - STMicroelectronics STLC5466 Datasheet HTML 104Page - STMicroelectronics STLC5466 Datasheet HTML 105Page - STMicroelectronics STLC5466 Datasheet HTML 106Page - STMicroelectronics STLC5466 Datasheet HTML 107Page - STMicroelectronics STLC5466 Datasheet HTML 108Page - STMicroelectronics STLC5466 Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 130 page
background image
105/130
STLC5466
Figure 1-28: VCXO frequency synchronization
Figure 1-29: The three circular interrupt memories
f/p
Ref/8
VCXO
Low Pass
Filter
VCXO-OUT
VCXO-IN
OUX
Ref=4096 kHz
MHDLC
EVM
If f=15360 kHz, p=30
If f=16384 kHz, p=32
f=15360 kHz
or 16384 kHz
IBA1
IBA1+256
IBA1+256
+HDLC
IBA1+256
+HDLC
+MON
Queue Size
Queue Size
Queue Size
IBA1+254
Initialization
Block 1
HDLC
Interrupt
Queue
for 64 TX-
channels
and 64 RX
channels
MON
Interrupt
Queue
for 16 RX
MON chan-
nels
C/I
Interrupt
Queue
for 16 RX
C/I channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com