Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5466 Datasheet(PDF) 109 Page - STMicroelectronics

Part # STLC5466
Description  64 CHANNEL-MULTI HDLC WITH N X 64KB/S SWITCHING MATRIX ASSOCIATED
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5466 Datasheet(HTML) 109 Page - STMicroelectronics

Back Button STLC5466 Datasheet HTML 105Page - STMicroelectronics STLC5466 Datasheet HTML 106Page - STMicroelectronics STLC5466 Datasheet HTML 107Page - STMicroelectronics STLC5466 Datasheet HTML 108Page - STMicroelectronics STLC5466 Datasheet HTML 109Page - STMicroelectronics STLC5466 Datasheet HTML 110Page - STMicroelectronics STLC5466 Datasheet HTML 111Page - STMicroelectronics STLC5466 Datasheet HTML 112Page - STMicroelectronics STLC5466 Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 130 page
background image
109/130
STLC5466
2.4
V* interface
Figure 2-4: V* Synchronisation signal delivered by the Multi-HDLC
Parameter
T min
T typical
T max
t1
Clock Period 4096 kHz
244
t3
DCLK to FSCV*
20
t5
Duration FSCV*
244
t6
Clock to data 50 pF
Clock to data 100 pF
50
100
t7
Set up time data/DCLK
20
t7
Hold time data/DCLK
20
Parameter
T min
T typical
T max
The four Multiplex Configuration Registers are at zero (no delay between FS and Multiplexes)
DCLK delivered
DIN 0/8
FSCV* delivered
DOUT 0/7, CB
Bit3, Time Slot 31
by the Multi-HDLC
by the Multi-HDLC
CH 0
CH 1
CH7
DIN4/5
125ms
MON
D
C/I AT
B1
B2
DOUT4/5
FS received by
the Multi-HDLC
t3
t3
t1
If FSCG is connected to FS
t7 t7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com