Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5466 Datasheet(PDF) 110 Page - STMicroelectronics

Part # STLC5466
Description  64 CHANNEL-MULTI HDLC WITH N X 64KB/S SWITCHING MATRIX ASSOCIATED
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5466 Datasheet(HTML) 110 Page - STMicroelectronics

Back Button STLC5466 Datasheet HTML 106Page - STMicroelectronics STLC5466 Datasheet HTML 107Page - STMicroelectronics STLC5466 Datasheet HTML 108Page - STMicroelectronics STLC5466 Datasheet HTML 109Page - STMicroelectronics STLC5466 Datasheet HTML 110Page - STMicroelectronics STLC5466 Datasheet HTML 111Page - STMicroelectronics STLC5466 Datasheet HTML 112Page - STMicroelectronics STLC5466 Datasheet HTML 113Page - STMicroelectronics STLC5466 Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 130 page
background image
STLC5466
110/130
3
SDRAM MEMORY TIMING
Figure 3-1: Signals exchanged between SDRAM controller and SDRAM
Parameter
T min
T max
Unit
T
1/T= 33, 50 or 66 MHz
ts
Data in set up time
3
ns
th
Data in Hold time
2
ns
td
Delay between rising edge of CLK and
each signal delivered by the Multi-HDLC
CL= 5 pF (Vdd = 3.3V ± 5% Temp 0 to 70°C)
CL= 30 pF
CL= 50 pF
3
3
3
10
12
20
ns
ns
ns
Signals provided by the Multi-HDLC and received from the Synchronous Dynamic Memory
MCLK is an input.
Clock provided by
an external clock
generation
Input:
Data from SDRAM
Output:
signals
to SDRAM
ts
th
2.0
1.4
0.8
2.0
1.4
0.8
td
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com