Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5466 Datasheet(PDF) 106 Page - STMicroelectronics

Part # STLC5466
Description  64 CHANNEL-MULTI HDLC WITH N X 64KB/S SWITCHING MATRIX ASSOCIATED
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5466 Datasheet(HTML) 106 Page - STMicroelectronics

Back Button STLC5466 Datasheet HTML 102Page - STMicroelectronics STLC5466 Datasheet HTML 103Page - STMicroelectronics STLC5466 Datasheet HTML 104Page - STMicroelectronics STLC5466 Datasheet HTML 105Page - STMicroelectronics STLC5466 Datasheet HTML 106Page - STMicroelectronics STLC5466 Datasheet HTML 107Page - STMicroelectronics STLC5466 Datasheet HTML 108Page - STMicroelectronics STLC5466 Datasheet HTML 109Page - STMicroelectronics STLC5466 Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 130 page
background image
STLC5466
106/130
2
CLOCK and TDMs TIMING
2.1
Synchronization signals delivered by the system
For one of three different input synchronizations which is programmed, FSCG and FSCV* signals deliv-
ered by the Multi-HDLC are in accordance with the figure hereafter:
Figure 2-1: Clocks received and delivered by the Multi-HDLC
tx
Parameter
T min.
T typ
T max
Unit
t1
Clock Period if 4096 kHz (3072)
Clock Period if 8192 kHz (6144)
239 (320)
120 (158)
244 (325)
122 (162)
249 (330)
125 (165)
ns
ns
t2
Delay between Clock A and Clock B
- 60
0
+60
ns
t3
Set up time Frame A/CLOCK A
10
t1-10
ns
t4
Hold time Frame A (or B)/CLOCK A (or B)
10
t1-10
ns
t4GCI
Duration of Frame A (or B)
10
125000-(t1-10)
ns
t5
Clock ratio t5h/t5l
75%
100%
125%
%
t6
Duration of FSCG
488 (650)
ns
CLOCK A
FRAME A or B
7
6
1
0
5
4
3
1) Sy Mode
Bit3
Bit1
Bit0
Bit7
Bit6
Bit5
Bit4
Time Slot 31 (if 2048 kbit/s)
Time Slot 0
2) GCI Mode
3) V* Mode
DIN 0/8, Echo
D0UT 0/7, CB
TDMO/7
FSCG delivered
by the circuit
FSC V* delivered
by the circuit
FRAME (A or B)
FRAME A (or B)
t1
t5h t5l
t3 t4
t3 t4
t3
t4 GCI
t2
CLOCK B
If FS=FSCG
Time Slot 23 (if 1536 kbit/s)
t6
The four Multiplex Configuration Registers are at zero (no delay).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com