Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 112 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 112 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 108Page - National Semiconductor (TI) PC97307 Datasheet HTML 109Page - National Semiconductor (TI) PC97307 Datasheet HTML 110Page - National Semiconductor (TI) PC97307 Datasheet HTML 111Page - National Semiconductor (TI) PC97307 Datasheet HTML 112Page - National Semiconductor (TI) PC97307 Datasheet HTML 113Page - National Semiconductor (TI) PC97307 Datasheet HTML 114Page - National Semiconductor (TI) PC97307 Datasheet HTML 115Page - National Semiconductor (TI) PC97307 Datasheet HTML 116Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 218 page
background image
112
Parallel Port (Logical Device 4)
www.national.com
TABLE 6-1. Parallel Port Mode Selection
a. Section 2.7.1 on page 37 describes the bits of the SuperI/O Parallel Port configuration register.
b. See Section 6.5.12 on page 124
c. Before modifying this bit, set bit 4 of the SuperI/O Parallel Port configuration register at index F0h to 1.
d. Use bit 7 of the Control2 register at second level offset 2 of the parallel port to further specify compatibility. See
Section 6.5.17 on page 126.
Configuration
Time
Operation Mode
SuperI/O Parallel Port
Configuration Register
(Index F0h)a
Extended Control Register
(ECR) of the Parallel Port
(Offset 402h) b
Control2 Register
of the Parallel Port
(Offset 02h) c
7 6 5
7 6 5
4
Configuration at
System
Initialization
(Static)
SPP Compatible
0 0 0
-
-
-
SPP Extended
0 0 1
-
-
-
EPP Revision 1.7
0 1 0
-
-
-
EPP Revision 1.9
0 1 1
-
-
-
Configuration at
System
Initialization
with
Run-Time
Reconfiguration
(Dynamic)
SPP Compatible
1 0 0
or
1 1 1
0 0 0
-
d
PP FIFO
0 1 0
-
d
SPP Extended
0 0 1
-
d
EPP Revision 1.7
1 1 1
1 0 0
0
d
EPP Revision 1.9
1
d
ECP(Default)
1 0 0
or
1 1 1
0 1 1
-
-
TABLE 6-2. Parallel Port Reset States
6.2.1
Standard Parallel Port (SPP) Modes Register
Set
In all Standard Parallel Port (SPP) modes, port operation is
controlled by the registers listed in Table 6-3.
All register bit assignments are compatible with the assign-
ments in existing SPP devices.
A single Data Register DTR is used for data input and out-
put (see Section 6.2.2). The direction of data flow is deter-
mined by the system setting in bit 5 of the Control Register
CTR.
Signal
Reset Control
State After Reset
SLIN
MR
TRI-STATE
INIT
MR
Zero
AFD
MR
TRI-STATE
STB
MR
TRI-STATE
IRQ5,7
MR
TRI-STATE
TABLE 6-3. Standard Parallel Port (SPP) Registers
6.2.2
SPP Data Register (DTR), Offset 00h
This bidirectional data port transfers 8-bit data in the direc-
tion determined by bit 5 of SPP register CTR at offset 02h
and mode.
The read or write operation is activated by the system RD
and WR strobes.
Table 6-4 tabulates DTR register operation.
TABLE 6-4. SPP DTR Register Read and Write Modes
Offset
Name
Description
R/W
00h
DTR
Data
R/W
01h
STR
Status
R
02h
CTR
Control
R/W
03h
-
TRI-STATE
Mode
Bit 5 of
CTR
RD WR
Result
SPP
Compatible
x
1
0
Data written to PD7-0.
x0
1
Data read from the
output latch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com