Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 113 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 113 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 109Page - National Semiconductor (TI) PC97307 Datasheet HTML 110Page - National Semiconductor (TI) PC97307 Datasheet HTML 111Page - National Semiconductor (TI) PC97307 Datasheet HTML 112Page - National Semiconductor (TI) PC97307 Datasheet HTML 113Page - National Semiconductor (TI) PC97307 Datasheet HTML 114Page - National Semiconductor (TI) PC97307 Datasheet HTML 115Page - National Semiconductor (TI) PC97307 Datasheet HTML 116Page - National Semiconductor (TI) PC97307 Datasheet HTML 117Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 218 page
background image
113
Parallel Port (Logical Device 4)
www.national.com
In SPP Compatible mode, the parallel port does not write
data to the output signals. Bit 5 of the CTR register has no
effect in this state. If data is written (WR goes low), the data
is sent to the output signals PD7-0. If a read cycle is initiated
(RD goes low), the system reads the contents of the output
latch, and not data from the PD7-0 output signals.
In SPP Extended mode, the parallel port can read and write
external data via PD7-0. In this mode, bit 5 sets the direction
for data in or data out, while read or write cycles are possi-
ble in both settings of bit 5.
If bit 5 of CTR is cleared to 0, data is written to the output
signals PD7-0 when a write cycle occurs. (if a read cycle oc-
curs in this setting, the system reads the output latch, not
data from PD7-0).
If bit 5 of CTR is set to 1, data is read from the output signals
PD7-0 when a read cycle occurs. A write cycle in this setting
only writes to the output latch, not to the output signals PD7-
0.
The reset value of this register is 0.
FIGURE 6-1. DTR Register Bitmap (SPP Mode)
SPP
Extended
0
1
0
Data written to PD7-0.
1
1
0
Data written is latched
00
1
Data read from output
latch.
1
0
1
Data read from PD7-0.
Mode
Bit 5 of
CTR
RD WR
Result
76543210
Reset
Required
0
0
0
0
0
0
0
0
SPP Data Register
(DTR)
Offset 00h
D2
D4
D5
D6
D7
D0
D1
D3
Data Bits
6.2.3
Status Register (STR), Offset 01h
This read-only register holds status information. A system
write operation to STR is an invalid operation that has no ef-
fect on the parallel port.
FIGURE 6-2. STR Register Bitmap (SPP Mode)
Bit 0 - Time-Out Status
In EPP modes only, this is the time-out status bit. In all
other modes this bit has no function and has the con-
stant value 1.
This bit is cleared when an EPP mode is enabled.
Thereafter, this bit is set to 1 when a time-out occurs in
an EPP cycle and is cleared when STR is read.
In EPP modes:
0 - An EPP mode is set. No time-out occurred since
STR was last read.
1 - Time-out occurred on EPP cycle (minimum of 10
µsec). (Default)
Bit 1 - Reserved
This bit is reserved and is always 1.
Bit 2 - IRQ Status
In all modes except SPP Extended, this bit is always 1.
In SPP Extended mode this bit is the IRQ status bit. It re-
mains high unless the interrupt request is enabled (bit 4 of
CTR set high). This bit is high except when latched low
when the ACK signal makes a low to high transition, indi-
cating a character is now being transferred to the printer.
Reading this bit resets it to 1.
0 - Interrupt requested in SPP Extended mode.
1 - No interrupt requested. (Default)
Bit 3 - ERR Status
This bit reflects the current state of the printer error sig-
nal, ERR. The printer sets this bit low when there is a
printer error.
0 - Printer error.
1 - No printer error.
Bit 4 - SLCT Status
This bit reflects the current state of the printer select sig-
nal, SLCT. The printer sets this bit high when it is on-line
and selected.
0 - No printer selected.
1 - Printer selected and online.
76543210
Reset
Required
1
1
1
1
1
1
1
1
SPP Status Register
(STR)
Offset 01h
IRQ Status
SLCT Status
PE Status
ACK Status
Printer Status
Time-Out Status
Reserved
ERR Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com