Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 114 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 114 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 110Page - National Semiconductor (TI) PC97307 Datasheet HTML 111Page - National Semiconductor (TI) PC97307 Datasheet HTML 112Page - National Semiconductor (TI) PC97307 Datasheet HTML 113Page - National Semiconductor (TI) PC97307 Datasheet HTML 114Page - National Semiconductor (TI) PC97307 Datasheet HTML 115Page - National Semiconductor (TI) PC97307 Datasheet HTML 116Page - National Semiconductor (TI) PC97307 Datasheet HTML 117Page - National Semiconductor (TI) PC97307 Datasheet HTML 118Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 218 page
background image
114
Parallel Port (Logical Device 4)
www.national.com
Bit 5 - PE Status
This bit reflects the current state of the printer paper end
signal (PE). The printer sets this bit high when it detects
the end of the paper.
0 - Printer has paper.
1 - End of paper in printer.
Bit 6 - ACK Status
This bit reflects the current state of the printer acknowl-
edge signal, ACK. The printer pulses this signal low af-
ter it has received a character and is ready to receive
another one. This bit follows the state of the ACK pin.
0 - Character reception complete.
1 - No character received .
Bit 7 - Printer Status
This bit reflects the current state of the printer BUSY sig-
nal. The printer sets this bit low when it is busy and can-
not accept another character.
This bit is the inverse of the (BUSY/WAIT) pin.
0 - Printer busy.
1 - Printer not busy.
6.2.4
SPP Control Register (CTR), Offset 02h
The control register provides all the output signals that con-
trol the printer. Except for bit 5, it is a read and write register.
Normally when the Control Register (CTR) is read, the bit
values are provided by the internal output data latch. These
bit values can be superseded by the logic level of the STB,
AFD, INIT, and SLIN signals, if these signals are forced high
or low by external voltage. To force these signals high or
low the corresponding bits should be set to their inactive
states (e.g., AFD, STB and SLIN should all be 0; INIT
should be 1).
Section 6.3.10 describes the transfer operations that are
possible in EPP modes.
FIGURE 6-3. CTR Register Bitmap (SPP Mode)
Bit 0 - Data Strobe Control
Bit 0 directly controls the data strobe signal to the printer
via the STB signal.
This bit is the inverse of the STB signal.
76543210
Reset
Required
0
0
1
0
0
0
1
1
SPP Control Register
(CTR)
Offset 02h
Printer Initialization Control
Interrupt Enable
Direction Control
Reserved
Reserved
Data Strobe Control
Parallel Port Input Control
Automatic Line Feed Control
Bit 1 - Automatic Line Feed Control
This bit directly controls the automatic line feed signal to
the printer via the AFD pin. Setting this bit high causes
the printer to automatically feed after each line is print-
ed.
This bit is the inverse of the AFD signal.
0 - No automatic line feed. (Default)
1 - Automatic line feed
Bit 2 - Printer Initialization Control
This bit directly controls the signal to initialize the printer
via the INIT pin. Setting this bit to low initializes the print-
er.
The value of the INIT signal reflects the value of this bit.
The default setting of 1 on this bit prevents printer initial-
ization in SPP mode, and enables ECP mode after re-
set.
0 - Initialize Printer.
1 - No action (Default).
Bit 3 - Select Input Signal Control
This bit directly controls the select in signal to the printer
via the SLIN signal. Setting this bit high selects the print-
er.
It is the inverse of the SLIN signal.
This bit must be cleared to 0 before enabling the EPP or
ECP mode.
0 - Printer not selected. (Default)
1 - Printer selected and online.
Bit 4 - Interrupt Enable
Bit 4 controls the interrupt generated by the ACK signal.
Its function changes slightly depending on the parallel
port mode selected.
In ECP mode, this bit should be set to 0.
In the following description, IRQx indicates an interrupt
allocated for the parallel port.
0 - In SPP Compatible, SPP Extended and EPP
modes, IRQx is floated. (Default)
1 - In SPP Compatible mode, IRQx follows ACK transi-
tions.
In SPP Extended mode, IRQx is set active on the trail-
ing edge of ACK.
In EPP modes, IRQx follows ACK transitions, or is
set when an EPP time-out occurs.
Bit 5 - Direction Control
This bit determines the direction of the parallel port in
SPP Extended mode only. In the (default) SPP Compat-
ible mode, this bit has no effect, since the port functions
for output only.
This is a read/write bit in EPP modes. In SPP modes it
is a write only bit. A read from it returns 1.
In SPP Compatible mode and in EPP modes it does not
control the direction. See Table 6-4.
0 - Data output to PD7-0 in SPP Extended mode dur-
ing write cycles. (Default)
1- Data input from PD7-0 in SPP Extended mode dur-
ing read cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com