Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 116 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 116 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 112Page - National Semiconductor (TI) PC97307 Datasheet HTML 113Page - National Semiconductor (TI) PC97307 Datasheet HTML 114Page - National Semiconductor (TI) PC97307 Datasheet HTML 115Page - National Semiconductor (TI) PC97307 Datasheet HTML 116Page - National Semiconductor (TI) PC97307 Datasheet HTML 117Page - National Semiconductor (TI) PC97307 Datasheet HTML 118Page - National Semiconductor (TI) PC97307 Datasheet HTML 119Page - National Semiconductor (TI) PC97307 Datasheet HTML 120Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 218 page
background image
116
Parallel Port (Logical Device 4)
www.national.com
6.3.4
SPP or EPP Control Register (CTR), Offset 02h
This control port is read or write. A write operation to it sets
the state of four pins on the 25-pin D-shell connector, and
controls both the parallel port interrupt enable and direction.
FIGURE 6-6. SPP or EPP CTR Register Bitmap
The bits of this register have the identical function in EPP
modes as in SPP modes. See Section 6.2.4 for a detailed
description of each bit.
6.3.5
EPP Address Register (ADDR), Offset 03h
This port is added in EPP modes to enhance system
throughput by enabling registers in the remote device to be
directly addressed by hardware.
This port can be read or written. Writing to it initiates an EPP
device or register selection operation.
FIGURE 6-7. EPP ADDR Register Bitmap
76543210
Reset
Required
0
0
0
0
0
0
1
1
SPP or EPP Control
Register (CTR)
Offset 02h
Printer Initialization Control
Interrupt Enable
Direction Control
Reserved
Reserved
Data Strobe Control
Automatic Line Feed Control
Parallel Port Input Control
76543210
Reset
Required
0
0
0
0
0
0
0
0
EPP Address
Register (ADDR)
Offset 03h
EPP Device or
Register Selection
A2
A4
A5
A6
A7
A0
A1
A3
Address Bits
6.3.6
EPP Data Register 0 (DATA0), Offset 04h
DATA0 is a read/write register. Accessing it initiates device
read or write operations of bits 7 through 0.
FIGURE 6-8. EPP DATA0 Register Bitmap
6.3.7
EPP Data Register 1 (DATA1), Offset 05h
DATA1 is only accessed to transfer bits 15 through 8 of a
16/32-bit read or write to EPP Data Register 0 (DATA0).
FIGURE 6-9. EPP DATA1 Register Bitmap
6.3.8
EPP Data Register 2 (DATA2), Offset 06h
This is the third EPP data register. It is only accessed to
transfer bits 23 through 16 of a 32-bit read or write to EPP
Data Register 0 (DATA0).
FIGURE 6-10. EPP DATA2 Register Bitmap
76543210
Reset
Required
0
0
0
0
0
0
0
0
EPP Data Register 0
(DATA0)
Offset 04h
EPP Device
Read or Write Data
D2
D4
D5
D6
D7
D0
D1
D3
76543210
Reset
Required
0
0
0
0
0
0
0
0
EPP Data Register 1
(DATA1)
Offset 05h
D10
D12
D13
D14
D15
D8
D9
D11
EPP Device
Read or Write Data
76543210
Reset
Required
0
0
0
0
0
0
0
0
EPP Data Register 2
(DATA2)
Offset 06h
D18
D20
D21
D22
D23
D16
D17
D19
EPP Device
Read or Write Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com