Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 115 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 115 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 111Page - National Semiconductor (TI) PC97307 Datasheet HTML 112Page - National Semiconductor (TI) PC97307 Datasheet HTML 113Page - National Semiconductor (TI) PC97307 Datasheet HTML 114Page - National Semiconductor (TI) PC97307 Datasheet HTML 115Page - National Semiconductor (TI) PC97307 Datasheet HTML 116Page - National Semiconductor (TI) PC97307 Datasheet HTML 117Page - National Semiconductor (TI) PC97307 Datasheet HTML 118Page - National Semiconductor (TI) PC97307 Datasheet HTML 119Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 218 page
background image
115
Parallel Port (Logical Device 4)
www.national.com
Bits 7,6 - Reserved
These bits are reserved and are always 1.
6.3
ENHANCED PARALLEL PORT (EPP) MODES
EPP modes allow greater throughput than SPP modes by
supporting faster transfer times (8, 16 or 32-bit data trans-
fers in a single read or write operation) and a mechanism
that allows the system to address peripheral device regis-
ters directly. Faster transfers are achieved by automatically
generating the address and data strobes.
The connector pin assignments for these modes are listed
in Table 6-12 on page 134.
EPP modes support revision 1.7 and revision 1.9 of the
IEEE 1284 standard, as shown in Table 6-1.
In Legacy mode, EPP modes are supported for a parallel
port whose base address is 278h or 378h, but not for a par-
allel port whose base address is 3BCh. (There are no EPP
registers at 3BFh.) In both Legacy and Plug and Play
modes, bits 2, 1 and 0 of the parallel port base address
must be 000 in EPP modes.
SPP-type data transactions may be conducted in EPP
modes. The appropriate registers are available for this type
of transaction. (See Table 6-5.) As in the SPP modes, soft-
ware must generate the control signals required to send or
receive data.
6.3.1
Enhanced Parallel Port (EPP) Register Set
Table 6-5 lists the EPP registers. All are single-byte regis-
ters.
Bits 0, 1 and 3 of the CTR register must be 0 and bit 2 must
be 1 before the EPP registers can be accessed, since the
signals controlled by these bits are controlled by hardware
during EPP accesses. Once these bits are set to 0 by the
software driver, multiple EPP access cycles may be in-
voked.
When EPP modes are enabled, the software can perform
SPP Extended mode cycles. In other words, if there is no
access to one of the EPP registers, EPP Address (ADDR)
or EPP Data Registers 0-3 (DATA0-3), EPP modes behave
like SPP Extended mode, except for the interrupt, which is
pulse triggered instead of level triggered.
Bit 7 of STR (BUSY status) must be set to 1 before writing
to DTR in EPP modes to ensure data output to PD7-0.
The enhanced parallel port monitors the IOCHRDY signal
during EPP cycles. If IOCHRDY is driven low for more then
10
µsec, an EPP time-out event occurs, which aborts the
cycle by asserting IOCHRDY, thus releasing the system
from a stuck EPP peripheral device. (This time-out event is
only functional when the clock is applied to this logical de-
vice).
When the cycle is aborted, ASTRB or DSTRB becomes in-
active, and the time-out event is signaled by asserting bit 0
of STR. If bit 4 of CTR is 1, the time-out event also pulses
the IRQ5 or IRQ7 signals when enabled. (IRQ5 and IRQ7
can be routed to any other IRQ lines via the Plug and Play
block).
EPP cycles to the external device are activated by invoking
read or write cycles to the EPP.
TABLE 6-5. Enhanced Parallel Port (EPP) Registers
6.3.2
SPP or EPP Data Register (DTR), Offset 00h
The DTR register is the SPP Compatible or SPP Extended
data register. A write to DTR sets the state of the eight data
pins on the 25-pin D-shell connector.
FIGURE 6-4. SPP or EPP DTR Register Bitmap
6.3.3
SPP or EPP Status Register (STR), Offset 01h
This status port is read only. A read presents the current
status of the five pins on the 25-pin D-shell connector, and
the IRQ as shown in Figure 6-5.
FIGURE 6-5. SPP or EPP STR Register Bitmap
The bits of this register have the identical function in EPP
mode as in SPP mode. See Section 6.2.3 for a detailed de-
scription of each bit.
Offset
Name
Description
Mode
R/W
00h
DTR
SPP Data
SPP or EPP R/W
01h
STR
SPP Status
SPP or EPP
R
02h
CTR
SPP Control
SPP or EPP R/W
03h
ADDR
EPP Address
EPP
R/W
04h
DATA0
EPP Data Port 0
EPP
R/W
05h
DATA1
EPP Data Port 1
EPP
R/W
06h
DATA2
EPP Data Port 2
EPP
R/W
07h
DATA3
EPP Data Port 3
EPP
R/W
76543210
Reset
Required
0
0
0
0
0
0
0
0
SPP or EPP Data
Register (DTR)
Offset 00h
D2
D4
D5
D6
D7
D0
D1
D3
Data Bits
76543210
Reset
Required
1
1
1
1
1
1
1
1
SPP or EPP Status
Register (STR)
Offset 01h
IRQ Status
SLCT Status
PE Status
Time-Out Status
Reserved
ERR Status
ACK Status
Printer Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com