Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKTF6708 Datasheet(PDF) 16 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 16 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 12Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 13Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 14Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 15Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 16Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 17Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 18Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 19Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 20Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 158 page
background image
eKTF6708
8-Bit Microcontroller
6
IC Product Specification (V1.2) 03.12.2020
(This specification is subject to change without prior notice)
5
System Overview
5.1 Memory Map
Reg. Ban k2
6 K x 16 bits
Flash User Program Area
0x17FF
0x 000
Registers and Data RAM Memory
Commo n Reg ister
Data RAM
(Ban k0~7)
Commo n Reg isters
0 xFF
0x80
0x05
0x50
Reg. Ban k0
Ope rationalRegiste rs
Code Option
Flash INF Area
0x00
0x00
SRAM: (48+102 4)x 8 bits
Level1
Level2
Level3
Level4
Level5
Level6
Level7
Level8
STACK
Level9
Level10
Level11
Level12
Level13
Level14
Level15
Level16
32 x 16 bits
Notes:
1.
Flash User Program Area is protected when power down occurs, and will not be read, written and erased from the
OCDS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com