Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKTF6708 Datasheet(PDF) 62 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 62 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 58Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 59Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 60Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 61Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 62Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 63Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 64Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 65Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 66Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 158 page
background image
eKTF6708
8-Bit Microcontroller
52
IC Product Specification (V1.2) 03.12.2020
(This specification is subject to change without prior notice)
Bit 1 (URBF): UART read buffer full flag. Set to 1 when one character is received. Reset to
0 automatically when read from URRDL register. URBF will be cleared by hardware when
enabling receiving. And URBF bit is read-only. Therefore, read URRDL register is
necessary to avoid overrun error.
Bit 0 (RXE): Enable receiving
0: Disable
1: Enable
6.1.96 Bank 1 R35: URTD (UART Transmit Data Buffer Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
URTD7
URTD6
URTD5
URTD4
URTD3
URTD2
URTD1
URTD0
W
W
W
W
W
W
W
W
Bits 7~0 (URTD7~URTD0): UART transmit data buffer. Write only.
6.1.97 Bank 1 R36: URRDL (UART Receive Data Low Buffer Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
URRD7
URRD6
URRD5
URRD4
URRD3
URRD2
URRD1
URRD0
R
R
R
R
R
R
R
R
Bits 7~0 (URRD7~URRD0): UART Receive Data Buffer. Read only
6.1.98 Bank 1 R37: URRDH (UART Receive Data High Buffer
Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
URRD8
-
-
-
-
-
-
URSS
R
-
-
-
-
-
-
R/W
Bit 7 (URRD8): UART receive data bit 8. Read only.
Bits 6~1: Not used, set to "0" all the time.
Bit 0 (URSS): UART clock source select bit
0: Fc is set to Fs
1: Fc is set to Fm (Default)
6.1.99 Bank 1 R38 ~ R43: (Reserved)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com