Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKTF6708 Datasheet(PDF) 42 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 42 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 38Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 39Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 40Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 41Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 42Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 43Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 44Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 45Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 46Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 158 page
background image
eKTF6708
8-Bit Microcontroller
32
IC Product Specification (V1.2) 03.12.2020
(This specification is subject to change without prior notice)
Bit 2 (ACK):
The ACK condition bit is set to 1 by hardware when the device
responds with an acknowledge (ACK). Reset when the device
responds with a not-acknowledge (nACK) signal.
Bit 1 (FULL):
Set by hardware when I
2C Receive Buffer register is full. Reset by
hardware when the MCU reads data from the I
2C Receive Buffer
register.
Bit 0 (EMPTY):
Set by hardware when I
2C Transmit Buffer register is empty and
ACK (or nACK) signal is received. Reset by hardware when the
MCU writes new data into the I
2C Transmit Buffer register.
6.1.37 Bank 0 R31: I2CCR2 (I2C Status and Control Register 2)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
I2CBF
GCEN
I2COPT
BBF
-
I2CTS1
I2CTS0
I2CEN
R
R/W
R/W
R
-
R/W
R/W
R/W
Bit 7 (I2CBF): I2C Busy Flag Bit
0: clear to "0" in Slave mode, if receives a STOP signal or when I2C slave
address does not match.
1: set when I2C communicate with master in slave mode.
*Set when STAR signal, clear when I2C disable or STOP signal for Slave
mode.
Bit 6 (GCEN): I2C General Call Function Enable Bit
0: Disable General Call Function
1: Enable General Call Function
Bit 5 (I2COPT): I2C pin optional bit. It is used to switch the pin position of I2C function.
0: Placed I2C pins in P52 (SDA0) and P53 (SCL0).
1: Placed I2C pins in P54 (SDA1) and P55 (SCL1).
*Default value corresponding code option Word 2 I2COPT
Bit 4 (BBF): Busy Flag Bit. I2C detection is busy in the master mode. Read only.
*Set when STAR signal, clear when STOP signal for Master mode.
Bit 3: Not used, set to “0” all the time.
Bits 2~1 (I2CTS1~I2CTS0): I2C Transmit Clock Select Bits. When using different
operating frequency (Fm), these bits must be set correctly to let SCL clock fill in with
standard/fast mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com