Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKTF6708 Datasheet(PDF) 47 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 47 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 43Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 44Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 45Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 46Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 47Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 48Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 49Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 50Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 51Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 158 page
background image
eKTF6708
8-Bit Microcontroller
IC Product Specification (V1.2) 03.12.2020
 37
(This specification is subject to change without prior notice)
Bits 7~5 (CKR2~0): Clock Rate Selection of ADC
System
Mode
CKR2~0
Clock
Rate
Max. System Operation
Frequency in 2.5~3V
Max. System Operation
Frequency in 3~5.5V
Normal
Mode
000
FMain/4
-
4 MHz
001
FMain/8
-
8 MHz
010
FMain/16
4 MHz
16 MHz
011
FMain/32
8 MHz
16 MHz
100
FMain/64
12 MHz
16 MHz
101
FMain/128
16 MHz
16 MHz
110
FMain/256
16 MHz
16 MHz
111
FSub
Fs
Fs
Green
Mode
xxx
FSub
Fs
Fs
Bit 4 (ADRUN): ADC Starts to Run
In single mode:
0: Reset on completion of the conversion by hardware, this bit cannot be reset by
software.
1: A/D conversion starts. This bit can be set by software
In continuous mode:
0: ADC is stopped.
1: ADC is running unless this bit is reset by software
Bit 3 (ADP): ADC Power
0: ADC is in power down mode.
1: ADC is operating normally.
Bit 2 (ADOM): ADC Operation Mode Selection
0: ADC operates in single mode.
1: ADC operates in continuous mode.
Bits 1~0 (SHS1~0): Sample and Hold Timing Selection
SHS[1:0]
Sample and Hold Timing
00
2 x TAD
01
4 x TAD
10
8 x TAD
11
12 x TAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com