Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKTF6708 Datasheet(PDF) 71 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 71 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 67Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 68Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 69Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 70Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 71Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 72Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 73Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 74Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 75Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 158 page
background image
eKTF6708
8-Bit Microcontroller
IC Product Specification (V1.2) 03.12.2020
 61
(This specification is subject to change without prior notice)
6.1.124 Bank 2 R18: TKA1WBL (TK Group A idle Scan Wakeup Base
Low byte Register 1)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
TA1WB[7] TA1WB[6] TA1WB[5] TA1WB[4] TA1WB[3] TA1WB[2] TA1WB[1] TA1WB[0]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bits 7~0 (TA1WB[7]~TA1WB[0]): 1st flow TK group A idle scan wakeup base high byte set
bits.
6.1.125 Bank 2 R19: TKA1WR (Touch Key of Group A idle scan
Wakeup Range Register 1)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
TA1WR[7] TA1WR[6] TA1WR[5] TA1WR[4] TA1WR[3] TA1WR[2] TA1WR[1] TA1WR[0]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bits 7~6 (TA1WR[7:6]): 1st flow TK group A idle scan wakeup range multiple set bits.
Bits 5~0 (TA1WR[5:0]): 1st flow TK group A idle scan wakeup range multiplicand set bits.
TA1WR[7:6]
Idle scan wakeup range
00
TA1WR[5:0] x 1
01
TA1WR[5:0] x 2
10
TA1WR[5:0] x 4
11
TA1WR[5:0] x 8
6.1.126 Bank 2 R1A: TKA2WBH (TK Group A idle Scan Wakeup Base
High byte Register 2)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
TA2WB[15] TA2WB[14] TA2WB[13] TA2WB[12] TA2WB[11] TA2WB[10] TA2WB[9] TA2WB[8]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bits 7~0 (TA2WB[15]~TA2WB[8]): 2nd flow TK group A idle scan wakeup base high byte
set bits.
6.1.127 Bank 2 R1B: TKA2WBL (TK Group A idle Scan Wakeup Base
Low byte Register 2)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
TA2WB[7] TA2WB[6] TA2WB[5] TA2WB[4] TA2WB[3] TA2WB[2] TA2WB[1] TA2WB[0]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bits 7~0 (TA2WB[7]~TA2WB[0]): 2nd flow TK group A idle scan wakeup base high byte
set bits.
6.1.128 Bank 2 R1C: TKA2WR (Touch Key of Group A idle scan
Wakeup Range Register 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com