Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKTF6708 Datasheet(PDF) 99 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 99 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 95Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 96Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 97Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 98Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 99Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 100Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 101Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 102Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 103Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 158 page
background image
eKTF6708
8-Bit Microcontroller
IC Product Specification (V1.2) 03.12.2020
 89
(This specification is subject to change without prior notice)
The AD Conversion is considered completed as determined by:
1.
The ADRUN bit of the Bank 0-R3E register is cleared to “0”.
2.
The ADSF bit of the Bank 0-R14 register is set to “1”.
3.
The ADWK bit of the Bank 0-R10 register is set to “1”. Wakes up from ADC
conversion (where it remains in operation during sleep mode).
4.
Wake up and execution of the next instruction if the ADIE bit of the Bank 0-R1B
is enabled and the “DISI” instruction is executed.
5.
Wake up and enter into Interrupt vector if the ADIE bit of Bank 0-R1B is enabled
and the “ENI” instruction is executed.
6.
Enter into an Interrupt vector if the ADIE bit of the Bank 0-R1B is enabled and the
“ENI” instruction is executed.
The results are fed into the ADDL and ADDH registers when the conversion is completed.
If the ADWK is enabled, the device will wake up. Otherwise, the AD conversion will be shut
off, no matter what the status of the ADPD bit is.
6.6.5 Programming Process/Considerations
Follow these steps to obtain data from the ADC:
1.
Write to the 2 bits (ADE1~0) on the Bank 0-R41(ADER1) register to define the
characteristics of P70~P71 (digital I/O, analog channels, or voltage reference
pin)
2.
Write to the Bank 0-R3E~R41 register to configure the AD module:
a) Select the ADC input channel (ADIS1~0)
b) Define the AD conversion clock rate (CKR2~0)
c) Select the VREFS input source of the ADC
d) Set the ADP bit to “1” to begin sampling
3.
Set the ADWK bit, if the wake-up function is employed
4.
Set the ADIE bit, if the interrupt function is employed
5.
Write “ENI” instruction, if the interrupt function is employed
6.
Set the ADRUN bit to “1”
7.
Write “SLEP” instruction or Polling.
8.
Wait for either Wake-up or for the ADRUN bit to be cleared to “0” , and the Status
flag (ADSF) is set “1”, or ADC interrupt occurs.
9.
Read the ADDL and ADDH conversion data registers. If the ADC input channel
changes at this time, the ADDL and ADDH values can be cleared to “0”.
10.
Clear the status flag (ADSF).
11.
For next conversion, go to Step 1 or Step 2 as required. At least two TAD are
required before the next acquisition starts. On the other hand, the timing setting
ADRUN = 1 must be later than the timing setting ADPD=1, and the difference
between the two timings is also two TAD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com