Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKTF6708 Datasheet(PDF) 45 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 45 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 41Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 42Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 43Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 44Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 45Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 46Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 47Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 48Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 49Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 158 page
background image
eKTF6708
8-Bit Microcontroller
IC Product Specification (V1.2) 03.12.2020
 35
(This specification is subject to change without prior notice)
Bit 4 (SSE):
SPI Shift Enable bit
0: Reset as soon as the shifting is completed, and the next byte is read to
shift.
1: Start to shift, and it remains at "1" while the current byte is still being
transmitted.
Bit 3 (SDOC): SDO Output Status Control bit
0: After serial data output, the SDO remains high
1: After serial data output, the SDO remains low
Bits 2~0 (SBRS2~SBRS0): SPI Baud Rate Select bits
SBRS2
SBRS1
SBRS0
Mode
SPI Baud Rate
0
0
0
Master
Fosc/2
0
0
1
Master
Fosc/4
0
1
0
Master
Fosc/8
0
1
1
Master
Fosc/16
1
0
0
Master
Fosc/32
1
0
1
Master
Fosc/64
1
1
0
Slave
/SS enable
1
1
1
Slave
/SS disable
6.1.43 Bank 0 R37: SPIS (SPI Status Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
DORD
TD1
TD0
-
OD3
OD4
-
RBF
R/W
R/W
R/W
-
R/W
R/W
-
R
Bit 7 (DORD): Data shift type control bit
0: Shift left (MSB first)
1: Shift right (LSB first)
Bits 6~5 (TD1~TD0): SDO status output delay time options (Normal mode only). When
the CPU oscillator source uses Fs, it will result in 1 CLK delay time.
NOTE
TD1~TD0 bits are applicable only to Normal mode
Normal mode. If under Sleep mode
Normal mode condition, then Wake-up time is
“Warm up time + 1CLK”.
TD1
TD0
Delay Time
0
0
8 CLK
0
1
16 CLK
1
0
24 CLK
1
1
32 CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com