Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKTF6708 Datasheet(PDF) 52 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 52 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 48Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 49Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 50Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 51Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 52Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 53Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 54Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 55Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 56Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 158 page
background image
eKTF6708
8-Bit Microcontroller
42
IC Product Specification (V1.2) 03.12.2020
(This specification is subject to change without prior notice)
6.1.61 Bank 1 RB: P5PLCR (Port 5 Pull-low Control Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
-
-
-
-
PL53
PL52
PL51
PL50
-
-
-
-
R/W
R/W
R/W
R/W
Bits 7~4: Not used, set to "0" all the time.
Bit 3 (PL53):
Control bit used to enable pull-low of the P53 pin
0: Enable internal pull-low
1: Disable internal pull-low
Bit 2 (PL52):
Control bit used to enable pull-low of the P52 pin
Bit 1 (PL51):
Control bit used to enable pull-low of the P51 pin
Bit 0 (PL50):
Control bit used to enable pull-low of the P50 pin
6.1.62 Bank 1 RC: P6PLCR (Port 6 Pull-low Control Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PL67
PL66
PL65
PL64
PL63
PL62
PL61
PL60
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit 7 (PL67): Control bit used to enable the pull-low of P67 pin
0: Enable internal pull-low
1: Disable internal pull-low
Bit 6 (PL66): Control bit used to enable the pull-low of P66 pin
Bit 5 (PL65): Control bit used to enable the pull-low of P65 pin
Bit 4 (PL64): Control bit used to enable the pull-low of P64 pin
Bit 3 (PL63): Control bit used to enable the pull-low of P63 pin
Bit 2 (PL62): Control bit used to enable the pull-low of P62 pin
Bit 1 (PL61): Control bit used to enable the pull-low of P61 pin
Bit 0 (PL60): Control bit used to enable the pull-low of P60 pin
6.1.63 Bank 1 RD: P7PLCR (Ports 7 Pull-low Control Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
-
-
-
-
-
-
-
P7LPL
-
-
-
-
-
-
-
R/W
Bits 7~1: Not used, set to "0" all the time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com