Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKTF6708 Datasheet(PDF) 82 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 82 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 78Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 79Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 80Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 81Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 82Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 83Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 84Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 85Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 86Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 158 page
background image
eKTF6708
8-Bit Microcontroller
72
IC Product Specification (V1.2) 03.12.2020
(This specification is subject to change without prior notice)
NOTE
After wake up:
1. If interrupt enables
interrupt + next instruction
2. If interrupt disables
next instruction
6.4.2 The Status of RST, T, and P of the Status Register
A reset condition is initiated by one of the following events:
1) Power-on condition
2) High-low-high pulse on the /RESET pin
3) Watchdog timer time-out
4) When LVR occurs
The values of T and P, as listed in the following table are used to check how the MCU
wakes up. The next table shows the events that may affect the status of T and P.
Values of RST, T and P after Reset:
Reset Type
T
P
Power-on
1
1
/RESET during Operation mode
P
P
/RESET Wake-up during Sleep mode
1
0
WDT during Operation mode
0
P
WDT Wake-up during Sleep mode
0
0
Wake up on pin change during Sleep mode
1
0
P: Previous status before reset
Status of T and P being affected by Events:
Event
T
P
Power-on
1
1
WDTC instruction
1
1
WDT time-out
0
P
SLEP instruction
1
0
Wake up on pin change during Sleep mode
1
0
P: Previous value before reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com