Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKTF6708 Datasheet(PDF) 74 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 74 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 70Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 71Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 72Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 73Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 74Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 75Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 76Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 77Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 78Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 158 page
background image
eKTF6708
8-Bit Microcontroller
64
IC Product Specification (V1.2) 03.12.2020
(This specification is subject to change without prior notice)
6.2 TCC/WDT and Prescaler
Two 8-bit counters are available as prescalers for the TCC and WDT. The TPSR0~ TPSR2
bits of the TCCCR register (Bank 0 R22) are used to determine the ratio of the TCC
prescaler. Likewise, the WPSR0~WPSR2 bits of the WDTCR register (Section 6.1.28
Bank 0 R21) are used to determine the WDT prescaler. The prescaler counter is cleared
by the instructions each time they are written into TCC. The WDT and prescaler are
cleared by the “WDTC” and “SLEP” instructions. Figure 6-3 below depicts the circuit
diagram of TCC/WDT.
The TCCD (Section 6.1.27 TCC Data Register) is an 8-bit timer/counter. The TCC clock
source is from the internal clock only and TCC will be incremented by 1 at Fc clock (without
prescaler). The TCC will stop running when Sleep mode occurs.
The Watchdog Timer is a free running on-chip RC oscillator. The WDT will keep on running
even after the oscillator driver has been turned off (i.e., in Sleep mode). During Normal
operation or Sleep mode, a WDT time-out (if enabled) will cause the device to reset. The
WDT can be enabled or disabled any time during Normal mode by software programming
(see WDTE bit of WDTCR (Section 6.1.28Bank 0 R21) register). With no prescaler, the
WDT time-out period is approximately 18 ms1 (one oscillator start-up timer period).
8 Bit Counter
8 to 1 MUX
Prescaler
TCC(R23)
TCC overflow
interrupt
Data Bus
TPSR2~ TPSR0
(R22)
8 Bit Counter
8 to 1 MUX
Prescaler
WPSR2~ WPSR0
(R21)
WDT
WDTE(R21)
WDT time out
Figure 6-3 TCC and WDT Block Diagram
1
VDD=5V, WDT time-out period = 16.5ms ± 8%.
VDD=3V, WDT time-out period = 18ms ± 8%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com