Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKTF6708 Datasheet(PDF) 66 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 66 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 62Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 63Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 64Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 65Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 66Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 67Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 68Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 69Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 70Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 158 page
background image
eKTF6708
8-Bit Microcontroller
56
IC Product Specification (V1.2) 03.12.2020
(This specification is subject to change without prior notice)
※
Note:
ROM Code Buffer
(Start)
Table Write ROM Address
(Destination)
BANK7 0x80
[TBWA] Low byte(bits7~0)
BANK7 0x81
[TBWA] High byte(bits15~8)
BANK7 0x82
[TBWA+1] Low byte(bits7~0)
BANK7 0x83
[TBWA+1] High byte(bits15~8)
BANK7 0XBE
[TBWA+31] Low byte(bits7~0)
BANK7 0XBF
[TBWA+31] High byte(bits15~8)
6.1.110 Bank 2 R5: TKAPC (Touch Key Group A Pin Control Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
TKAEP7
TKAEP6
TKAEP5
TKAEP4
TKAEP3
TKAEP2
TKAEP1
TKAEP0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bits 7 (TKAEP7): Touch Key Enable Pin Control Bits
0: P67/TK8/PWMA is P67/PWMA pin.
1: Functions as Touch Key pin, TK8 is TK Sensor.
Bits 6 (TKAEP6): Touch Key Enable Pin Control Bits
0: P66/TK7/PWMB is P66/PWMB pin.
1: Functions as Touch Key pin, TK7 is TK Sensor.
Bits 5 (TKAEP5): Touch Key Enable Pin Control Bits
0: P65/TK6/PWMC is P65/PWMC pin.
1: Functions as Touch Key pin, TK6 is TK Sensor.
Bits 4 (TKAEP4): Touch Key Enable Pin Control Bits
0: P64/TK5 is P64 pin.
1: Functions as Touch Key pin, TK5 is TK Sensor.
Bits 3 (TKAEP3): Touch Key Enable Pin Control Bits
0: P63/TK4 is P63 pin.
1: Functions as Touch Key pin, TK4 is TK Sensor.
Bits 2 (TKAEP2): Touch Key Enable Pin Control Bits
0: P62/TK3 is P62 pin.
1: Functions as Touch Key pin, TK3 is TK Sensor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com