Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKTF6708 Datasheet(PDF) 36 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 36 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 32Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 33Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 34Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 35Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 36Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 37Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 38Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 39Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 40Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 158 page
background image
eKTF6708
8-Bit Microcontroller
26
IC Product Specification (V1.2) 03.12.2020
(This specification is subject to change without prior notice)
Bit 0 (I2CTIE): I
2C Interface Tx interrupt enable bit
0: Disable interrupt
1: Enable interrupt
NOTE
If the interrupt mask and instruction
“ENI” are enabled, the program counter will jump into
the corresponding interrupt vector when the corresponding status flag is set.
6.1.26 Bank 0 R1F: (Reserved)
6.1.27 Bank 0 R20: IMR6 (Interrupt Mask Register 6)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SHIE
-
-
-
TKCIE
-
TKERRIE
TKIE
R/W
-
-
-
R/W
-
R/W
R/W
Bit 7 (SHIE): SHSF Interrupt Enable Bit.
0: Disable SHSF interrupt
1: Enable SHSF interrupt
Bits 6~4,2: Not used, set to "0" all the time.
Bit 3 (TKCIE): TKCSF/TKTOSF Interrupt Enable Bit.
0: Disable TKCSF/TKTOSF interrupt
1: Enable TKCSF/TKTOSF interrupt
Bit 1 (TKERRIE): TKPESF /TKOESF Interrupt Enable Bit.
0: Disable TKPESF /TKOESF interrupt
1: Enable TKPESF /TKOESF interrupt
Bit 0 (TKIE): TKIE Interrupt Enable Bit.
0: Disable TKSF interrupt
1: Enable TKSF interrupt
6.1.28 Bank 0 R21: WDTCR (Watchdog Timer Control Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
WDTE
FSSF
-
-
PSWE
WPSR2
WPSR1
WPSR0
R/W
R
-
-
R/W
R/W
R/W
R/W
Bit 7 (WDTE): Watchdog Timer enable bit. WDTE is both readable and writable.
0: Disable WDT
1: Enable WDT
Bit 6 (FSSF): Fs Stable Flag bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com