Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKTF6708 Datasheet(PDF) 34 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 34 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 30Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 31Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 32Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 33Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 34Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 35Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 36Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 37Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 38Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 158 page
background image
eKTF6708
8-Bit Microcontroller
24
IC Product Specification (V1.2) 03.12.2020
(This specification is subject to change without prior notice)
6.1.23 Bank 0 R1C: IMR2 (Interrupt Mask Register 2)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
-
-
UERRIE
URIE
UTIE
-
-
TC1IE
-
-
R/W
R/W
R/W
-
-
R/W
Bits 7~6: Not used, set to "0" all the time.
Bit 5 (UERRIE): UART receive error interrupt enable bit.
0: Disable UERRSF interrupt
1: Enable UERRSF interrupt
Bit 4 (URIE): UART receive mode Interrupt enable bit.
0: Disable URSF interrupt
1: Enable URSF interrupt
Bit 3 (UTIE): UART transmit mode interrupt enable bit.
0: Disable UTSF interrupt
1: Enable UTSF interrupt
Bits 2~1: Not used, set to "0" all the time.
Bit 0 (TC1IE): Interrupt enable bit.
0: Disable TC1SF interrupt
1: Enable TC1SF interrupt
6.1.24 Bank 0 R1D: IMR3 (Interrupt Mask Register 3)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
-
-
PWMCPIE PWMCDIE PWMBPIE PWMBDIE PWMAPIE PWMADIE
-
-
R/W
R/W
R/W
R/W
R/W
R/W
Bits 7~6: Not used, set to "0" all the time.
Bit 5 (PWMCPIE): PWMCPSF interrupt enable bit.
0: Disable period-matching of PWMC interrupt
1: Enable period-matching of PWMC interrupt
Bit 4 (PWMCDIE): PWMCDSF interrupt enable bit.
0: Disable duty-matching of PWMC interrupt
1: Enable duty-matching of PWMC interrupt
Bit 3 (PWMBPIE): PWMBPSF interrupt enable bit.
0: Disable period-matching of PWMB interrupt
1: Enable period-matching of PWMB interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com