Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKTF6708 Datasheet(PDF) 61 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 61 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 57Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 58Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 59Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 60Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 61Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 62Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 63Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 64Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 65Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 158 page
background image
eKTF6708
8-Bit Microcontroller
IC Product Specification (V1.2) 03.12.2020
 51
(This specification is subject to change without prior notice)
Bits 4~2 (BRATE2~BRATE0): transmit Baud rate selection
BRATE2
BRATE1
BRATE0
Baud rate
8MHz
0
0
0
Fc/13
38400
0
0
1
Fc/26
19200
0
1
0
Fc/52
9600
0
1
1
Fc/104
4800
1
0
0
Fc/208
2400
1
0
1
Fc/416
1200
1
1
X
Reserved
Bit 1 (UTBF): UART transfer buffer empty flag. Set to 1 when transfer buffer is empty.
Reset to 0 automatically when write into URTD register. UTBF bit will be cleared by
hardware when enabling transmission. And UTBF bit is read-only. Therefore, write URTD
register is necessary when starting transmitting shifting.
Bit 0 (TXE): Enable transmission
0: Disable
1: Enable
6.1.95 Bank 1 R34: URS (UART Status Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
URTD8
EVEN
PRE
PRERR
OVERR
FMERR
URBF
RXE
W
R/W
R/W
R/W
R/W
R/W
R
R/W
Bit 7 (URTD8): UART transmit data bit 8. Write only.
Bit 6 (EVEN): select parity check
0: Odd parity
1: Even parity
Bit 5 (PRE): enable parity addition
0: Disable
1: Enable
Bit 4 (PRERR): Parity error flag. Set to 1 when parity error happened, and clear to 0 by
software.
Bit 3 (OVERR): Over running error flag. Set to 1 when overrun error happened, and clear
to 0 by software.
Bit 2 (FMERR): Framing error flag. Set to 1 when framing error happen, and clear to 0 by
software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com