Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKTF6708 Datasheet(PDF) 35 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 35 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 31Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 32Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 33Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 34Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 35Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 36Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 37Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 38Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 39Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 158 page
background image
eKTF6708
8-Bit Microcontroller
IC Product Specification (V1.2) 03.12.2020
 25
(This specification is subject to change without prior notice)
Bit 2 (PWMBDIE): PWMBDSF interrupt enable bit.
0: Disable duty-matching of PWMB interrupt
1: Enable duty-matching of PWMB interrupt
Bit 1 (PWMAPIE): PWMAPSF interrupt enable bit.
0: Disable period-matching of PWMA interrupt
1: Enable period-matching of PWMA interrupt
Bit 0 (PWMADIE): PWMADSF interrupt enable bit.
0: Disable duty-matching of PWMA interrupt
1: Enable duty-matching of PWMA interrupt
NOTE
If the interrupt mask and instruction
“ENI” are enabled, the program counter will jump into
the corresponding interrupt vector when the corresponding status flag is set.
6.1.25 Bank 0 R1E: IMR4 (Interrupt Mask Register 4)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
-
P7ICIE
P6ICIE
P5ICIE
SPIIE
I2CSTPIE
I2CRIE
I2CTIE
-
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit 7: Not used, set to "0" all the time.
Bits 6~4 (P7ICIE~P5ICIE): PxICSF interrupt enable bit
0: Disable PxICSF interrupt
1: Enable PxICSF interrupt
Bit 3 (SPIIE): Interrupt enable bit
0: Disable SPSF interrupt
1: Enable SPSF interrupt
Bit 2 (I2CSTPIE): I
2C stop interrupt enable bit.
0: Disable interrupt
1: Enable interrupt
Bit 1 (I2CRIE): I
2C Interface Rx interrupt enable bit
0: Disable interrupt
1: Enable interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com