Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKTF6708 Datasheet(PDF) 97 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 97 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 93Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 94Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 95Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 96Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 97Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 98Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 99Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 100Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 101Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 158 page
background image
eKTF6708
8-Bit Microcontroller
IC Product Specification (V1.2) 03.12.2020
 87
(This specification is subject to change without prior notice)
6.6 A/D Converter
R_BANK Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bank 0
0x3E
ADCR1
CKR2
CKR1
CKR0
ADRUN
ADP
ADOM
SHS1
SHS0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bank 0
0x3F
ADCR2
ADLPFEN
-
ADIM
ADCMS
VPIS1
VPIS0
VREFP1 VREFP0
R/W
-
R/W
R/W
R/W
R/W
R/W
R/W
Bank 0
0x40
ADISR
-
-
-
-
-
-
ADIS1
ADIS0
-
-
-
-
-
-
R/W
R/W
Bank 0
0x41
ADER1
-
-
-
-
-
-
ADE1
ADE0
-
-
-
-
-
-
R/W
R/W
Bank 0
0x43
ADDL
ADD7
ADD6
ADD5
ADD4
ADD3
ADD2
ADD1
ADD0
R
R
R
R
R
R
R
R
Bank 0
0x44
ADDH
ADD11
ADD10
ADD9
ADD8
ADD7
ADD6
ADD5
ADD4
R
R
R
R
R
R
R
R
Bank 0
0x45
ADCVL
ADCD7
ADCD6
ADCD5
ADCD4
ADCD3
ADCD2
ADCD1
ADCD0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bank 0
0x46
ADCVH
-
-
-
-
ADCD11 ADCD10 ADCD9
ADCD8
-
-
-
-
R/W
R/W
R/W
R/W
Bank 0
0x10
WUCR2
-
-
-
ADWK
-
-
-
-
-
-
-
R/W
-
-
-
-
Bank 0
0x14
SFR1
-
-
-
ADSF
-
-
-
-
-
-
-
R/W
-
-
-
-
Bank 0
0x1B
IMR1
-
-
-
ADIE
-
-
-
-
-
-
-
R/W
-
-
-
-
ADC
( Successive Approximation )
AD0
1 - 0
1~0
8 to1
MUX
6
5
4
4
9 8 7 6 5 4 3 2 1 0
DATA BUS
IMR1
ISFR1
ADCR1
ADIS
ADER1
4
3
1
AVDD / 4V / 3V / 2.5V / 2V
VREFP
Start to Convert
Power Down
ADCR1
11 10
ADCR 2
ADDL
ADDH
7
Fmain/4
Fsub
AD1
Internal
Vref.
Fmain/8
Fmain/16
Fmain/32
Fmain/64
Fmain/128
Fmain/256
Figure 6-10 AD Converter Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com