Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKTF6708 Datasheet(PDF) 31 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 31 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 27Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 28Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 29Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 30Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 31Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 32Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 33Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 34Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 35Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 158 page
background image
eKTF6708
8-Bit Microcontroller
IC Product Specification (V1.2) 03.12.2020
 21
(This specification is subject to change without prior notice)
Bit 4 (ADSF): Analog to digital conversion interrupt status flag. Set when AD conversion is
completed. Reset by software.
Bits 3~2 (EXSF1~0): External interrupt status flag.
Bit 0 (TCSF): TCC overflow status flag. Set when TCC overflows, reset by software.
NOTE
If a function is enabled, the corresponding status flag would be active regardless of
whether the interrupt mask is enabled or not.
6.1.16 Bank 0 R15: SFR2 (Status Flag Register 2)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
-
-
UERRSF
URSF
UTSF
-
-
TC1SF
-
-
F
F
F
-
-
F
Bits 7~6: Not used, set to "0" all the time
Bit 5 (UERRSF): UART receiving error status flag, cleared by software or UART disable.
Bit 4 (URSF): UART receive mode data buffer full status flag, cleared by software.
Bit 3 (UTSF): UART transmit mode data buffer empty flag, cleared by software.
Bits 2~1: Not used, set to "0" all the time
Bit 0 (TC1SF): 8-bit timer/counter 1 status flag, cleared by software.
6.1.17 Bank 0 R16: SFR3 (Status Flag Register 3)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
-
-
PWMCPSF PWMCDSF PWMBPSF PWMBDSF PWMAPSF PWMADSF
-
-
F
F
F
F
F
F
Bits 7~6: Not used, set to "0" all the time
Bit 5 (PWMCPSF): Status flag of period-matching for PWMC (Pulse Width Modulation).
Set when a selected period is reached, reset by software.
Bit 4 (PWMCDSF): Status flag of duty-matching for PWMC (Pulse Width Modulation). Set
when a selected duty is reached, reset by software.
Bit 3 (PWMBPSF): Status flag of period-matching for PWMB (Pulse Width Modulation).
Set when a selected period is reached, reset by software.
Bit 2 (PWMBDSF): Status flag of duty-matching for PWMB (Pulse Width Modulation). Set
when a selected duty is reached, reset by software.
Bit 1 (PWMAPSF): Status flag of period-matching for PWMA (Pulse Width Modulation).
Set when a selected period is reached, reset by software.
Bit 0 (PWMADSF): Status flag of duty-matching for PWMA (Pulse Width Modulation). Set
when a selected duty is reached, reset by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com