Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKTF6708 Datasheet(PDF) 5 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 5 Page - ELAN Microelectronics Corp

  EKTF6708 Datasheet HTML 1Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 2Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 3Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 4Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 5Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 6Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 7Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 8Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 158 page
background image
Contents
IC Product Specification (V1.2) 03.12.2020
 v
6.1.68
Bank 1 R12: P6ODCR (Port 6 Open-Drain Control Register) ........................44
6.1.69
Bank 1 R13: P7ODCR (Ports 7 Open-Drain Control Register) ......................44
6.1.70
Bank 1 R14 ~ R15: (Reserved) ......................................................................44
6.1.71
Bank 1 R16: PWMSCR (PWM Source Clock Control Register) ....................44
6.1.72
Bank 1 R17: PWMACR (PWMA Control Register).........................................44
6.1.73
Bank 1 R18: PRDAL (Low Byte of PWMA Period) .........................................45
6.1.74
Bank 1 R19: PRDAH (High Byte of PWMA Period)........................................46
6.1.75
Bank 1 R1A: DTAL (Low Byte of PMWA Duty) ...............................................46
6.1.76
Bank 1 R1B: DTAH (High Byte of PMWA Duty) .............................................46
6.1.77
Bank 1 R1C: TMRAL (Low Byte of Timer A)...................................................46
6.1.78
Bank 1 R1D: TMRAH (High Byte of Timer A) .................................................46
6.1.79
Bank 1 R1E: PWMBCR (PWMB Control Register) ........................................46
6.1.80
Bank 1 R1F: PRDBL (Low Byte of PWMB Period).........................................47
6.1.81
Bank 1 R20: PRDBH (High Byte of PWMB Period) .......................................47
6.1.82
Bank 1 R21: DTBL (Low Byte of PMWB Duty)...............................................48
6.1.83
Bank 1 R22: DTBH (High Byte of PMWB Duty) .............................................48
6.1.84
Bank 1 R23: TMRBL (Low Byte of Timer B) ...................................................48
6.1.85
Bank 1 R24: TMRBH (High Byte of Timer B)..................................................48
6.1.86
Bank 1 R25: PWMCCR (PWMC Control Register) ........................................48
6.1.87
Bank 1 R26: PRDCL (Low Byte of PWMC Period).........................................49
6.1.88
Bank 1 R27: PRDCH (High Byte of PWMC Period) .......................................49
6.1.89
Bank 1 R28: DTCL (Low Byte of PMWC Duty) ..............................................49
6.1.90
Bank 1 R29: DTCH (High Byte of PMWC Duty) .............................................50
6.1.91
Bank 1 R2A: TMRCL (Low Byte of Timer C) ..................................................50
6.1.92
Bank 1 R2B: TMRCH (High Byte of Timer C).................................................50
6.1.93
Bank 1 R2C ~ R32: (Reserved)......................................................................50
6.1.94
Bank 1 R33: URCR (UART Control Register) ................................................50
6.1.95
Bank 1 R34: URS (UART Status Register) ....................................................51
6.1.96
Bank 1 R35: URTD (UART Transmit Data Buffer Register) ...........................52
6.1.97
Bank 1 R36: URRDL (UART Receive Data Low Buffer Register) ..................52
6.1.98
Bank 1 R37: URRDH (UART Receive Data High Buffer Register) ................52
6.1.99
Bank 1 R38 ~ R43: (Reserved) ......................................................................52
6.1.100 Bank 1 R44: FLKR (Flash Key Register for Table write use) .........................53
6.1.101 Bank 1 R45: TBPTL (Table Point Low Register) ............................................53
6.1.102 Bank 1 R46: TBPTH (Table Point High Register) ...........................................53
6.1.103 Bank 1 R47: STKMON (Stack Pointer)...........................................................53
6.1.104 Bank 1 R48: PCH (Program Counter High)....................................................53
6.1.105 Bank 1 R49: HLVDCR (High / Low Voltage Detector Control Register) .........54
6.1.106 Bank 1 R4A~ R4C: (Reserved) ......................................................................55
6.1.107 Bank 1 R4D: TBWCR (Table Write Control Register).....................................55
6.1.108 Bank 1 R4E: TBWAL (Table Write start Address Low byte) ...........................55
6.1.109 Bank 1 R4F: TBWAH (Table Write start Address High byte) ..........................55
6.1.110 Bank 2 R5: TKAPC (Touch Key Group A Pin Control Register) .....................56
6.1.111 Bank 2 R6: (Reserved) ...................................................................................57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com