Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKTF6708 Datasheet(PDF) 32 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 32 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 28Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 29Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 30Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 31Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 32Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 33Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 34Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 35Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 36Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 158 page
background image
eKTF6708
8-Bit Microcontroller
22
IC Product Specification (V1.2) 03.12.2020
(This specification is subject to change without prior notice)
NOTE
If a function is enabled, the corresponding status flag would be active whether the
interrupt mask is enabled or not.
6.1.18 Bank 0 R17: SFR4 (Status Flag Register 4)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
P7ICSF
P6ICSF
P5ICSF
SPISF
I2CSTPSF
I2CRSF
I2CTSF
F
F
F
F
F
F
F
Bit 7 : Not used, set to "0" all the time
Bits 6~4 (P7ICSF~P5ICSF): Ports 5~7 input status change status flag. Set when
Ports 5~7 input changes. Reset by software.
Bit 3 (SPISF):
SPI mode status flag. Flag is cleared by software.
Bit 2 (I2CSTPSF): I
2C stop status flag. Set when I2C stop signal occurs.
Bit 1 (I2CRSF):
I
2C receive status flag. Set when I2C receives 1byte data and responds
to ACK signal. Reset by firmware or I
2C disable.
Bit 0 (I2CTSF):
I
2C transmit status flag. Set when I2C transmits a 1 byte data and
receives a handshake signal (ACK or NACK). Reset by firmware or I
2C
disable.
NOTE
If a function is enabled, the corresponding status flag will be active regardless of whether
the interrupt mask is enabled or not.
6.1.19 Bank 0 R18: (Reserved)
6.1.20 Bank 0 R19: SFR6 (Status Flag Register 6)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SHSF
-
-
TKTOSF
TKCSF
TKPESF
TKOESF
TKSF
F
-
-
F
F
F
F
F
Bit 7 (SHSF): System hold status flag, Set when system hold occur, reset by software.
Bits 6~5: Not used, set to "0" all the time
Bit 4 (TKTOSF): Touch Key idle with scan mode time out status flag. Set when Touch Key
idle with scan mode threshold compare condition dissatisfied and continued for
16*TKITOR times, reset by software.
Bit 3 (TKCSF): Touch Key Compare status flag. Set when Touch Key idle with scan mode
threshold compare conditions are satisfied, reset by software.
Bit 2 (TKPESF): Touch Key period Error status flag. Set when Touch Key period falls early,
reset by software



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com