Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKTF6708 Datasheet(PDF) 69 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 69 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 65Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 66Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 67Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 68Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 69Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 70Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 71Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 72Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 73Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 158 page
background image
eKTF6708
8-Bit Microcontroller
IC Product Specification (V1.2) 03.12.2020
 59
(This specification is subject to change without prior notice)
6.1.117 Bank 2 R10: TKCTR (Touch Key Calculate Time Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
TCT7
TCT6
TCT5
TCT4
TCT3
TCT2
TCT1
TCT0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bits 7~0 (TCT7~TCT0): Calculate time set bits, the register default value = 0x40.
6.1.118 Bank 2 R11: TKSWR (Touch Key Sensing Window Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
-
-
-
TSW4
TSW3
TSW2
TSW1
TSW0
-
-
-
R/W
R/W
R/W
R/W
R/W
Bit 7~5: not used, fixed to “0” all the time.
Bits 4~0 (TSW4~TSW0): Touch Key Sensing Window set bits, the register default value =
0x0A.
6.1.119 Bank 2 R12: TKAH (The Most Significant Byte of A Group
Touch Key Buffer)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
TKA[15]
TKA[14]
TKA[13]
TKA[12]
TKA[11]
TKA[10]
TKA[9]
TKA[8]
R
R
R
R
R
R
R
R
Bits 7~0 (TKA [15]~TKA[8]): The Most Significant Byte of A Group Touch Key Buffer.
6.1.120 Bank 2 R13: TKAL (The Least Significant Byte of A Group
Touch Key Buffer)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
TKA[7]
TKA[6]
TKA[5]
TKA[4]
TKA[3]
TKA[2]
TKA[1]
TKA[0]
R
R
R
R
R
R
R
R
Bits 7~0 (TKA[7]~TKA[0]): The Least Significant Byte of A Group Touch Key Buffer.
6.1.121 Bank 2 R14 ~R15: (Reserved)
6.1.122 Bank 2 R16: TKSCR (Touch Key idle Scan Control Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
TKMCS1
TKMCS0
-
-
TKISE
TKST2
TKST1
TKST0
R/W
R/W
-
-
R/W
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com