Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKTF6708 Datasheet(PDF) 43 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 43 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 39Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 40Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 41Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 42Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 43Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 44Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 45Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 46Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 47Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 158 page
background image
eKTF6708
8-Bit Microcontroller
IC Product Specification (V1.2) 03.12.2020
 33
(This specification is subject to change without prior notice)
I2CCR1 Bit 5=1, Fast Mode
I2CTS1
I2CTS0
SCL CLK
Operating Fm (MHz)
0
0
Fm/10
4
0
1
Fm/20
8
1
0
Fm/30
12
1
1
Fm/40
16
I2CCR1 Bit 5=0, Standard Mode
I2CTS1
I2CTS0
SCL CLK
Operating Fm (MHz)
0
0
Fm/40
4
0
1
Fm/80
8
1
0
Fm/120
12
1
1
Fm/160
16
Bit 0 (I2CEN): I2C Enable Bit
0: Disable I2C mode (Default)
1: Enable I2C mode
6.1.38 Bank 0 R32: I2CSA (I2C Slave Address Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SA6
SA5
SA4
SA3
SA2
SA1
SA0
IRW
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bits 7~1 (SA6~SA0): When the MCU is used as Master device for I
2C application, these
bits are the Slave Device Address register.
Bit 0 (IRW):
When the MCU is used as Master device for I
2C application, this bit is
Read/Write transaction control bit.
0: Write
1: Read
6.1.39 Bank 0 R33: I2CDB (I2C Data Buffer Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bits 7~0 (DB7~DB0): I
2C Receive/Transmit Data Buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com