Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKTF6708 Datasheet(PDF) 44 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 44 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 40Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 41Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 42Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 43Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 44Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 45Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 46Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 47Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 48Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 158 page
background image
eKTF6708
8-Bit Microcontroller
34
IC Product Specification (V1.2) 03.12.2020
(This specification is subject to change without prior notice)
6.1.40 Bank 0 R34: I2CDAL (I2C Device Address Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
DA7
DA6
DA5
DA4
DA3
DA2
DA1
DA0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bits 7~0 (DA7~DA0): When the MCU is used as Slave device for I
2C application, this
register stores the MCU address. It is used to identify the data on the I
2C
bus to extract the message delivered to the MCU.
NOTE
Slave Address 0x77 is reserved for WTR use.
6.1.41 Bank 0 R35: I2CDAH (I2C Device Address Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
-
-
-
-
-
-
DA9
DA8
-
-
-
-
-
-
R/W
R/W
Bits 7~2:
Not used. Set to "0" all the time.
Bits 1~0 (DA9~DA8): Device Address bits
6.1.42 Bank 0 R36: SPICR (SPI Control Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
CES
SPIE
SRO
SSE
SDOC
SBRS2
SBRS1
SBRS0
R/W
R/W
R
R/W
R/W
R/W
R/W
R/W
Bit 7 (CES):
Clock Edge Select bit
0: Data shift out on a rising edge, and shift in on a falling edge. Data is on
hold during a low-level.
1: Data shift out on a falling edge, and shift in on a rising edge. Data is on
hold during a high-level.
Bit 6 (SPIE): SPI Enable bit
0: Disable SPI mode
1: Enable SPI mode
Bit 5 (SRO):
SPI Read Overflow bit
0: No overflow
1: A new data is received while the previous data is still being held in the
SPIR register. Under this condition, the data in the SPIS register is
destroyed. To avoid setting this bit, user should read the SPIR register
although only transmission is implemented. This can only occur in
Slave mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com