Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKTF6708 Datasheet(PDF) 98 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 98 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 94Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 95Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 96Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 97Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 98Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 99Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 100Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 101Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 102Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 158 page
background image
eKTF6708
8-Bit Microcontroller
88
IC Product Specification (V1.2) 03.12.2020
(This specification is subject to change without prior notice)
This is a 12-bit successive approximation register analog-to-digital converter (SAR ADC).
There are two reference voltages for SAR ADC. The positive reference voltage can select
internal AVDD, internal voltage sources or external input pin by setting the VREFP1~0 and
VPIS1~0 bits in ADCR2. Connecting to external positive reference voltage provides more
accuracy than using internal AVDD.
6.6.1 ADC Data Register
When the AD conversion is completed, the result is loaded to the ADDH and ADDL. And
the ADSF is set if ADIE is enabled.
6.6.2 A/D Sampling Time
The accuracy, linearity, and speed of the successive approximation AD converter are
dependent on the properties of the ADC. The source impedance and the internal sampling
impedance directly affect the time required to charge the sample and hold capacitor. The
application program controls the length of the sample time to meet the specified accuracy.
The maximum recommended impedance for the analog source is 10k
 at VDD = 5V. After
the analog input channel is selected; this acquisition time must be done before AD
conversion can be started.
6.6.3 A/D Conversion Time
CKR2~0 select the conversion time (TAD). This allows the MCU to run at maximum
frequency without sacrificing the accuracy of AD conversion. The following tables show
the relationship between TAD and the maximum operating frequencies. The TAD is 1µs for
3V~5.5V and TAD is 4µs for 2.5V~3V
System
Mode
CKR2~0
Clock
Rate
Max. System
Operation
Frequency in
2.5~3V
Max. System
Operation
Frequency in
3~5.5V
Normal
Mode
000
FMain/4
-
4 MHz
001
FMain/8
-
8 MHz
010
FMain/16
4 MHz
16 MHz
011
FMain/32
8 MHz
16 MHz
100
FMain/64
12 MHz
16 MHz
101
FMain/128
16 MHz
16 MHz
110
FMain/256
16 MHz
16 MHz
111
FSub
Fs
Fs
Green
Mode
xxx
FSub
Fs
Fs
6.6.4 ADC Operation during Sleep Mode
In order to obtain a more accurate ADC value and reduce power consumption, the AD
conversion remains operational during sleep mode. As the SLEP instruction is executed,
all MCU operations will stop except for the Oscillator, TCC, TC1, PWM and AD conversion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com