Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKTF6708 Datasheet(PDF) 46 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 46 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 42Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 43Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 44Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 45Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 46Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 47Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 48Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 49Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 50Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 158 page
background image
eKTF6708
8-Bit Microcontroller
36
IC Product Specification (V1.2) 03.12.2020
(This specification is subject to change without prior notice)
Bit 4:
Not used. Set to “0” all the time.
Bit 3 (OD3):
Open-drain control bit
0: Open-drain disabled for SDO
1: Open-drain enabled for SDO
Bit 2 (OD4): Open-drain control bit
0: Open-drain disabled for SCK
1: Open-drain enabled for SCK
Bit 1:
Not used. Set to “0” all the time.
Bit 0 (RBF):
Read Buffer Full flag
0: Receiving is not completed, and SPIR has not fully exchanged data.
1: Receiving is completed, and SPIR has fully exchanged data.
6.1.44 Bank 0 R38: SPIR (SPI Read Buffer Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SRB7
SRB6
SRB5
SRB4
SRB3
SRB2
SRB1
SRB0
R
R
R
R
R
R
R
R
Bits 7~0 (SRB7~SRB0): SPI Read Data Buffer
6.1.45 Bank 0 R39: SPIW (SPI Write Buffer Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SWB7
SWB6
SWB5
SWB4
SWB3
SWB2
SWB1
SWB0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bits 7~0 (SWB7~SWB0): SPI Write Data Buffer
6.1.46 Bank 0 R3A ~ R3D: (Reserved)
6.1.47 Bank 0 R3E: ADCR1 (ADC Control Register 1)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
CKR2
CKR1
CKR0
ADRUN
ADP
ADOM
SHS1
SHS0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com