Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKTF6708 Datasheet(PDF) 19 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 19 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 15Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 16Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 17Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 18Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 19Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 20Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 21Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 22Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 23Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 158 page
background image
eKTF6708
8-Bit Microcontroller
IC Product Specification (V1.2) 03.12.2020
 9
(This specification is subject to change without prior notice)
6.1.3 R2: PCL (Program Counter Low)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PC7
PC6
PC5
PC4
PC3
PC2
PC1
PC0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bits 7~0 (PC7~PC0): The low byte of program counter.
Depending on the device type, R2 and hardware stack are 16-bits wide. The structure
is depicted in Figure 6-1 eKTF6708 Program Counter Organization.
Generating 6K
16 bits on-chip Flash ROM addresses to the relative programming
instruction codes. One program page is 4096 words long.
R2 is set as all "0"s when under RESET condition.
"JMP" instruction allows direct loading of the lower 12 program counter bits. Thus,
"JMP" allows PC to go to any location within a page.
"LJMP" instruction allows direct loading of the lower 13 program counter bits.
Therefore, "LJMP" allows PC to jump to any location within 6K (213).
"CALL" instruction loads the lower 12 bits of the PC, and the present PC value will add
1 and is pushed into the stack. Thus, the subroutine entry address can be located
anywhere within a page.
"LCALL" instruction loads the lower 13 bits of the PC, and then PC+1 is pushed into the
stack. Thus, the subroutine entry address can be located anywhere within 6K (213).
"RET" ("RETL k", "RETI") instruction loads the program counter with the contents of the
top-level stack.
"ADD R2, A" allows a relative address to be added to the current PC, and the ninth and
above bits of the PC will increase progressively.
"MOV R2, A" allows to load an address from the "A" register to the lower 8 bits of the
PC, and the ninth and above bits of the PC won’t be changed.
Any instruction except “ADD R2,A” that is written to R2 (e.g. "MOV R2, A", "BC R2,
6",“INC R2”,
) will cause the ninth bit and the above bits (PC8~PC12) of the PC not
change.
All instructions are single instruction cycle (Fsys/2) except
“LCALL”, ”CALL”, ”LJMP”and “JMP” instructions. The “LCALL” and “LJMP” instructions
need two instructions cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com