Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKTF6708 Datasheet(PDF) 58 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 58 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 54Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 55Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 56Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 57Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 58Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 59Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 60Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 61Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 62Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 158 page
background image
eKTF6708
8-Bit Microcontroller
48
IC Product Specification (V1.2) 03.12.2020
(This specification is subject to change without prior notice)
6.1.82 Bank 1 R21: DTBL (Low Byte of PMWB Duty)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
DTB7
DTB6
DTB5
DTB4
DTB3
DTB2
DTB1
DTB0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bits 7~0 (DTB7~0): The contents of the register are low byte of the PWMB duty
6.1.83 Bank 1 R22: DTBH (High Byte of PMWB Duty)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
DTB15
DTB14
DTB13
DTB12
DTB11
DTB10
DTB9
DTB8
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bits 7~0 (DTB15~8): The contents of the register are high byte of the PWMB duty
6.1.84 Bank 1 R23: TMRBL (Low Byte of Timer B)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
TMRB7
TMRB6
TMRB5
TMRB4
TMRB3
TMRB2
TMRB1
TMRB0
R
R
R
R
R
R
R
R
Bits 7~0 (TMRB7~0): The contents of the register are low byte of the PWMB timer which
is counting. This is read-only
6.1.85 Bank 1 R24: TMRBH (High Byte of Timer B)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
TMRB15
TMRB14
TMRB13
TMRB12
TMRB11
TMRB10
TMRB9
TMRB8
R
R
R
R
R
R
R
R
Bits 7~0 (TMRB15~8): The contents of the register are high byte of the PWMB timer
which is counting. This is read-only
6.1.86 Bank 1 R25: PWMCCR (PWMC Control Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PWMCE
-
-
-
TCEN
TCP2
TCP1
TCP0
R/W
-
-
-
R/W
R/W
R/W
R/W
Bit 7 (PWMCE): PWMC enable bit
0: Disable (default)
1: Enable. The compound pin is used as PWMC pin
Bits 6~4: Not used, set to "0" all the time.
Bit 3 (TCEN): TMRC enable bit. All PWM function is valid only when this bit is set
0: TMRC is off (default value)
1: TMRC is on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com