Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKTF6708 Datasheet(PDF) 14 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 14 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 10Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 11Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 12Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 13Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 14Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 15Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 16Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 17Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 18Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 158 page
background image
eKTF6708
8-Bit Microcontroller
4
IC Product Specification (V1.2) 03.12.2020
(This specification is subject to change without prior notice)
4
Pin Description
Name
Function
Input
Type
Output
Type
Description
VDD
VDD
Power
Kernel Power
VSS
VSS
Power
Kernel Ground
P50/SCK/SCL0/TX/
OSCO
P50
ST
CMOS
Bidirectional I/O pin with programmable
pull-down, pull-high, open-drain, and pin
change wake-up
SCK
ST
CMOS
SPI serial clock input/output
SCL0
ST
CMOS
I2C serial clock line. It is open-drain.
TX
CMOS
UART data transmit output (TX)
OSCO
CMOS
Clock output of internal RC oscillator.
P51/SDI/SDA0/RX/
INT0//RESET
P51
ST
CMOS
Bidirectional I/O pin with programmable
pull-down, pull-high, open-drain, and pin
change wake-up
SI
ST
SPI serial data input
SDA0
ST
CMOS
I2C serial data line. It is open-drain
RX
ST
UART data receive input (RX)
INT0
ST
External interrupt pin
/RESET
ST
Internal pull-high reset pin
P52//SS/SDA1/
2W_DATA
P52
ST
CMOS
Bidirectional I/O pin with programmable
pull-down, pull-high, open-drain, and pin
change wake-up
/SS
ST
SPI slave mode enable
SDA1
ST
CMOS
I2C serial data line. It is open-drain
2W_DATA
ST
CMOS
OCD data line.
P53/SO/SCL1/2W_CLK
P53
ST
CMOS
Bidirectional I/O pin with programmable
pull-down, pull-high, open-drain, and pin
change wake-up
SO
CMOS
SPI serial data output
SCL1
ST
CMOS
I2C serial clock line. It is open-drain.
2W_CLK
ST
CMOS
OCD clock line.
P60/INT1/TC1/TK1
P60
ST
CMOS
Bidirectional I/O pin with programmable
pull-down, pull-high, open-drain, and pin
change wake-up
INT1
ST
External interrupt pin
TC1
ST
CMOS
8-bit Timer/Counter 1
TK1
AN
TK1 are Touch Key pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com